Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199ACWI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX199ACWI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199ACWI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX199ACWI Datasheet HTML 1Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 2Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 3Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 4Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 5Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 6Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 7Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 8Page - Maxim Integrated Products MAX199ACWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX, unless otherwise noted.)
fCLK = 2.0MHz
MAX199_C
TA = +25°C
(Note 5)
Unipolar (see Table 2)
CONDITIONS
mA
30
Output Short-Circuit Current
ppm/°C
±15
REF Output Tempco
(
Contact Maxim Applications
for guaranteed temperature
drift specifications)
V
4.076
4.096
4.116
VREF
REF Output Voltage
pF
40
Input Capacitance
µs
3
Track/Hold Acquisition Time
0VREF/2
V
0VREF
Input Voltage Range
1.25
-3dB rolloff
2.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MHz
5
Small-Signal Bandwidth
2.5
Bipolar
-600
10
Unipolar range
-1200
10
±VREF range
±VREF/2 range
Bipolar
0.1
10
Unipolar
10
M
Ω
40
Input Dynamic Resistance
Bipolar (see Table 2)
-VREF/2
VREF/2
-VREF
VREF
0mA to 0.5mA output current (Note 6)
7.5
V
2.465
2.500
2.535
REFADJ Output Voltage
µF
4.7
Capacitive Bypass at REF
With recommended circuit (Figure 1)
%
±1.5
REFADJ Adjustment Range
V/V
1.6384
Buffer Voltage Gain
V
2.4
4.18
Input Voltage Range
µA
400
Input Current
VREF = 4.18V
1
V
VDD - 50mV
REFADJ Threshold for
Buffer Disable
Normal, or STANDBY power-down mode
k
Ω
10
Input Resistance
FULL power-down mode
5
M
Ω
±VREF range
±VREF/2 range
0V to VREF range
0V to VREF/2 range
Normal, or STANDBY
power-down mode
FULL power-down
mode
TC VREF
µA
Input Current
MAX199_M
±40
MAX199_E
±30
k
Ω
0mA to 0.1mA output current (Note 6)
mV
0.8
Load Regulation
ANALOG INPUT
INTERNAL REFERENCE
REFERENCE INPUT (Buffer disabled, reference input applied to REF pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com