Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199ACAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX199ACAI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199ACAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX199ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 9Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 10Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 11Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 12Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 13Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
How to Start a Conversion
Conversions are initiated with a write operation, which
selects the mux channel and configures the MAX199 for
either unipolar or bipolar input range. A write pulse (WR
+ CS) can either start an acquisition interval or initiate a
combined acquisition plus conversion. The sampling
interval occurs at the end of the acquisition interval.
The ACQMOD bit in the input control byte offers two
options for acquiring the signal: internal or external.
The conversion period lasts for 12 clock cycles in either
internal or external clock or acquisition mode.
Writing a new control byte during the conversion cycle
will abort the conversion in progress and start a new
acquisition interval.
Internal Acquisition
Select internal acquisition by writing the control byte
with the ACQMOD bit cleared (ACQMOD = 0). This
causes the write pulse to initiate an acquisition interval
whose duration is internally timed. Conversion starts
when this six-clock-cycle acquisition interval (3µs with
fCLK = 2MHz) ends. See Figure 5.
External Acquisition
Use the external acquisition timing mode for precise con-
trol of the sampling aperture and/or independent control of
acquisition and conversion times. The user controls acqui-
sition and start-of-conversion with two separate write puls-
es. The first pulse, written with ACQMOD = 1, starts an
acquisition interval of indeterminate length. The second
write pulse, written with ACQMOD = 0, terminates acquisi-
tion and starts conversion on WR’s rising edge (Figure 6).
However, if the second control byte contains ACQMOD =
1, an indefinite acquisition interval is restarted.
The address bits for the input mux must have the same
values on the first and second write pulses. Power-
down mode bits (PD0, PD1) can assume new values on
the second write pulse (see
Power-Down Mode).
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
10
______________________________________________________________________________________
tCS
tCSWS
tWR
tACQI
tCONV
tDH
tDS
tINT1
tD0
tD01
tTR
HIGH-Z
HIGH-Z
tCSRS
tCSRH
CS
WR
D7–D0
INT
RD
HBEN
DOUT
ACQMOD ="0"
HIGH / LOW
BYTE VALID
HIGH / LOW
BYTE VALID
CONTROL
BYTE
tCSWH
Figure 5. Conversion Timing Using Internal Acquisition Mode
Table 5. Data-Bus Output
PIN
HBEN = LOW
HBEN = HIGH
D0
B0 (LSB)
B8
D1
B1
B9
D2
B2
B10
D3
B3
B11 (MSB)
D4
B4
B11 (BIP = 1) / 0 (BIP = 0)
D5
B5
B11 (BIP = 1) / 0 (BIP = 0)
D6
B6
B11 (BIP = 1) / 0 (BIP = 0)
D7
B7
B11 (BIP = 1) / 0 (BIP = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com