Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX199ACAI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX199ACAI
Description  Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX199ACAI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX199ACAI Datasheet HTML 1Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 2Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 3Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 4Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 5Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 6Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 7Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 8Page - Maxim Integrated Products MAX199ACAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Multi-Range (±4V, ±2V, +4V, +2V),
+5V Supply, 12-Bit DAS with 8+4 Bus Interface
_______________________________________________________________________________________
5
Note 1:
Accuracy specifications tested at VDD = 5.0V. Performance at power-supply tolerance limits guaranteed by Power-Supply
Rejection test. Tested for the ±4.096V input range.
Note 2:
External reference: VREF = 4.096V, offset error nulled, ideal last code transition = FS - 3/2LSB.
Note 3:
Ground “on” channel; sine wave applied to all “off” channels.
Note 4:
Maximum full-power input frequency for 1LSB error with 10ns jitter = 3kHz.
Note 5:
Guaranteed by design. Not tested.
Note 6:
Use static loads only.
Note 7:
Tested using internal reference.
Note 8:
PSRR measured at full-scale. VDD = 4.75V to 5.25V.
Note 9:
External acquisition timing: starts at rising edge of WR with control bit ACQMOD = low; ends at rising edge of WR with
ACQMOD = high.
Note 10: Not subject to production testing. Provided for design guidance only.
Note 11: All input control signals specified with tR = tF = 5ns from a voltage level of 0.8V to 2.4V.
Note 12: tDO and tDO1 are measured with the load circuits of Figure 2 and defined as the time required for an output to cross 0.8V
or 2.4V.
Note 13: tTR is defined as the time required for the data lines to change by 0.5V.
TIMING CHARACTERISTICS
(VDD = 5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 2.0MHz
with 50% duty cycle; TA = TMIN to TMAX, unless otherwise noted.)
(Note 13)
ns
70
CONDITIONS
tTR
RD High to Output Disable
ns
120
tINT1
RD Low to INT High Delay
ns
80
tCS
CS Pulse Width
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
80
tWR
WR Pulse Width
ns
0
tCSWS
ns
0
tCSWH
CS to WR Hold Time
CS to WR Setup Time
ns
0
tCSRS
ns
0
tCSRH
CS to RD Hold Time
CS to RD Setup Time
ns
100
tCWS
ns
50
tCWH
CLK to WR Hold Time
CLK to WR Setup Time
ns
60
tDS
ns
0
tDH
Data Valid to WR Hold
Data Valid to WR Setup
Figure 2, CL = 100pF (Note 12)
Figure 2, CL = 100pF (Note 12)
ns
120
tDO
ns
120
tDO1
HBEN High or HBEN Low to
Output Valid
RD Low to Output Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com