Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3552 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 3 Page - International Rectifier

  IR3552 Datasheet HTML 1Page - International Rectifier IR3552 Datasheet HTML 2Page - International Rectifier IR3552 Datasheet HTML 3Page - International Rectifier IR3552 Datasheet HTML 4Page - International Rectifier IR3552 Datasheet HTML 5Page - International Rectifier IR3552 Datasheet HTML 6Page - International Rectifier IR3552 Datasheet HTML 7Page - International Rectifier IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
3
TYPICAL APPLICATION
Figure 3: One Phase Voltage Regulator in Standard PWM Mode
Figure 4: One Phase Voltage Regulator in IR ATL Mode
SW
PWM
VIN
PGND
EN
VDRV
MODE
VDRV
BOOST
VIN
MODE
TFAULT
LGND
EN
PWM
VIN_DIV
VIN_DIV
CSIN+ CSIN-
IR3552
4.5V to 13.2V
4.5V to 17V
C2
10uF x
2
C6
0.22uF
C3
1uF
C5
0.22uF
R2
2.49k
L1
150nH
2
14-16
3
21
23
22
17
20
18
12, 13, 24
6-11
C1
0.22uF
PGND 4
VOUT
C8
470uF
C7
22uF
TFAULT
VCC
VCC
5V
Gate
Drivers with
Shoot
through
Control,
and
Fault
Detection
1
C4
0.1uF
SW
PWM
VIN
PGND
EN
VDRV
MODE
VDRV
BOOST
VIN
MODE
TFAULT
LGND
EN
PWM
VIN_DIV
VIN_DIV
CSIN+ CSIN-
IR3552
4.5V to 13.2V
4.5V to 17V
C2
10uF x
2
C6
0.22uF
C3
1uF
C5
0.22uF
R2
2.49k
L1
150nH
2
14-16
3
21
23
22
17
20
18
12, 13, 24
6-11
C1
0.22uF
PGND 4
VOUT
C8
470uF
C7
22uF
TFAULT
VCC
VCC
5V
Gate
Drivers with
Shoot
through
Control,
and
Fault
Detection
1
C4
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com