Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3552 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 1 Page - International Rectifier

  IR3552 Datasheet HTML 1Page - International Rectifier IR3552 Datasheet HTML 2Page - International Rectifier IR3552 Datasheet HTML 3Page - International Rectifier IR3552 Datasheet HTML 4Page - International Rectifier IR3552 Datasheet HTML 5Page - International Rectifier IR3552 Datasheet HTML 6Page - International Rectifier IR3552 Datasheet HTML 7Page - International Rectifier IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
1
FEATURES
• Peak efficiency up to 94.5% at 12VIN to
1.8VOUT, 93.3% at 1.2VOUT
• 40A PowIRstage® includes: Integrated Driver,
Control MOSFET, Synchronous MOSFET and
Schottky Diode
• <1uA Disabled ICC Bias Current
• <500uA Enabled ICC Bias Current
• Input voltage (VIN) range of 4.5V to 17V with
available 14:1 VIN_DIV monitor pin
• Flexible Drive Voltage (VDRV) from 4.5V to
13.2V to optimize converter efficiency
• Integrated bootstrap PFET for improved high
side MOSFET enhancement
• VDRV under voltage lockout protection
• 5V VCC with under voltage lockout protection
• Switching frequency up to 1.5MHz
• Over-temperature TFAULT alert flag with
internal temperature exceeds 150°C
• MODE pin selectable 3.3V tri-state PWM logic
or IR Active Tri-Level (ATL) PWM logic
• Efficient dual sided cooling
• Small 4mm x 6 mm x 0.9mm PQFN package
• Lead-free RoHS compliant package
APPLICATIONS
• High current solutions with true sleep
requirements
• High frequency, low profile DC-DC converters
• Voltage Regulators for CPUs, GPUs, and DDR
memory arrays
DESCRIPTION
The IR3552 integrated PowIRstage™ contains a low
quiescent current synchronous buck gate driver IC
which is co-packed with control and synchronous
MOSFETs and low side Schottky diode to further
improve efficiency. The package is optimized for PCB
layout, heat transfer, driver/MOSFET control timing,
and
minimal
switch
node
ringing
when
layout
guidelines are followed. The paired gate driver and
MOSFET combination enables higher efficiency at
lower output voltages required by cutting edge CPU,
GPU and DDR memory designs.
The IR3552 also supports <1uA disabled ICC bias
current when the ENABLE pin is pulled low.
This
feature
supports
ultra-low
or
“near-off”
power
shutdown requirements of battery powered devices.
1.5MHz
switching
frequency
enables
high
performance
transient
response,
allowing
miniaturization of output inductors, as well as input
and output capacitors while maintaining industry
leading efficiency. The IR3552’s superior efficiency
enables smallest size and lower solution cost.
The IR3552 provides two selectable PWM logic
modes, the regular 3.3V tri-state PWM logic or
International Rectifier’s Active Tri-Level (ATL) PWM
logic. The ATL PWM logic eliminates a dedicated
Body-braking
TM
pin
and
improves
the
transient
response of the converter during load release.
The IR3552 provides a thermal warning output set to
150°C, which makes it possible to protect critical
circuits on the PCB.
ORDERING INFORMATION
Base Part Number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IR3552MTRPBF
PQFN 4 mm x 6 mm
Tape and Reel
3000
IR3552MTRPBF


Similar Part No. - IR3552

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3550 IRF-IR3550 Datasheet
941Kb / 22P
60A Integrated PowIRstage
IR3550MPBF IRF-IR3550MPBF Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3550MTRPBF IRF-IR3550MTRPBF Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
60A Integrated PowIRstage
More results

Similar Description - IR3552

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
60A Exposed Top Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
60A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
50A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
40A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3556 IRF-IR3556_15 Datasheet
81Kb / 1P
50A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
40A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
45A Integrated PowIRstage
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
20A Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com