Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3552 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3552 Datasheet HTML 2Page - International Rectifier IR3552 Datasheet HTML 3Page - International Rectifier IR3552 Datasheet HTML 4Page - International Rectifier IR3552 Datasheet HTML 5Page - International Rectifier IR3552 Datasheet HTML 6Page - International Rectifier IR3552 Datasheet HTML 7Page - International Rectifier IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier IR3552 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
6
ELECTRICAL SPECIFICATIONS
The electrical characteristics involve the spread of values guaranteed within the recommended operating
conditions. Typical values represent the median values, which are related to 25°C.
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
PARAMETER
SYMBOL
MIN
MAX
UNIT
Recommended VIN Range
VIN
4.5
17
V
Recommended VCC Range
VCC
4.5
5.5
V
Recommended VDRV Range
VDRV
4.5
13.2
V
Recommended Switching Frequency
ƒSW
200
1500
kHz
Recommended Operating Junction Temperature
TJ
-40
125
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Efficiency
PowIRstage Peak Efficiency
Note 2
η
VIN=12V, VOUT=1.2V, ƒSW
= 300kHz, L=220nH,
0.29
mΩ, VDRV=6.8V, no
heat sink, no air flow.
93.3
%
VIN=12V, VOUT=1.2V, ƒSW
= 400kHz, L=150nH
0.29mΩ, VDRV=6.8V, no
heat sink, no air flow.
92.6
%
PWM Input Standard Tri-State Mode (Figure 5)
PWM Input Rising Threshold
VIH(C_PWM)
2.41
2.55
2.75
V
PWM Input Falling Threshold
VIL(C_PWM)
0.75
0.82
0.89
V
Tri-State LO_GATE Threshold
VTriLoThresh
0.95
1.03
1.10
V
Tri-State LO_GATE Hysteresis
VTriLoHyst
-
200
-
mV
Tri-State HI_GATE Threshold
VTriHiThresh
2.21
2.35
2.48
V
Tri-State HI_GATE Hysteresis
VTriHiHyst
-
200
-
mV
Tri-State Hold Off Time
TTriHold
-
40
-
ns
PWM Input Pull-Up Voltage
VPWM_pull up
PWM Input Floating
-
1.60
-
V
PWM Input Resistance
RPWM
PWM Input Floating
-
3.75
-
kΩ
Minimum Recognized PWM Pulse Width
MinPWM
ATL (IR) and Tri-State
Modes
-
20
-
ns
PWM Active Tri-Level (ATL) Mode (Figure 6)
PWM Input High Threshold
VIH(C_PWM)
0.95
1.03
1.10
V
PWM Input Low Threshold
VIL(C_PWM)
0.75
0.82
0.89
V
PWM Tri-level High Threshold
VTL(C_PWM)
2.41
2.55
2.75
V
PWM Tri-level Low Threshold
VTH(C_PWM)
2.21
2.35
2.48
V
PWM Input Current Low
IC_PWMlow
VPWM = 0V
-
-82
-
uA
PWM Input Current Mid
IC_PWMmid
VPWM = 1.8V
-
-500
-
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com