Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3241CUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3241CUI
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241CUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3241CUI Datasheet HTML 1Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 2Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 3Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 4Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 5Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 6Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 7Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 8Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VCC = 5.0V
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, C1–C4 = 0.1µF (Note 2), TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: V+ and V- can have a maximum magnitude of 7V, but their absolute difference cannot exceed 13V.
VCC ...........................................................................-0.3V to +6V
V+ (Note 1) ...............................................................-0.3V to +7V
V- (Note 1) ................................................................+0.3V to -7V
V+ + V- (Note 1)...................................................................+13V
Input Voltages
T_IN, SHDN, EN ...................................................-0.3V to +6V
MBAUD...................................................-0.3V to (VCC + 0.3V)
R_IN .................................................................................±25V
Output Voltages
T_OUT...........................................................................±13.2V
R_OUT ....................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration
T_OUT ....................................................................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C)...842mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C) ....696mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C)........762mW
16-Pin TSSOP (derate 6.7mW/°C above +70°C).............533mW
18-Pin Plastic DIP (derate 11.11mW/°C above +70°C) ..889mW
18-Pin SO (derate 9.52mW/°C above +70°C)..............762mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) .........640mW
20-Pin TSSOP (derate 7.0mW/°C above +70°C).............559mW
28-Pin SO (derate 12.50mW/°C above +70°C) .....................1W
28-Pin SSOP (derate 9.52mW/°C above +70°C) .........762mW
28-Pin TSSOP (derate 8.7mW/°C above +70°C).............696mW
Operating Temperature Ranges
MAX32_ _C_ _.....................................................0°C to +70°C
MAX32_ _E_ _ .................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
IOUT = -1.0mA
IOUT = 1.6mA
Receivers disabled
T_IN, EN, SHDN, MBAUD
T_IN, EN, SHDN, MBAUD
CONDITIONS
V
0.8
1.5
Input Threshold Low
0.6
1.2
V
-25
25
Input Voltage Range
0.5
2.0
VCC Power-Supply Current
V
VCC - 0.6
VCC - 0.1
Output Voltage High
V
0.4
Output Voltage Low
µA
±0.05
±10
Output Leakage Current
µA
±0.01
±1.0
Input Leakage Current
V
0.8
Input Logic Threshold Low
(Note 3)
UNITS
MIN
TYP
MAX
PARAMETER
TA = +25°C
TA = +25°C
V
1.8
2.4
Input Threshold High
1.5
2.4
VCC = 3.3V
VCC = 5.0V
2.0
V
2.4
Input Logic Threshold High
(Note 3)
No load, VCC = 3.3V or 5.0V,
TA = +25°C
mA
0.3
1.0
MAX3222/MAX3232/
MAX3241
MAX3237
SHDN = GND, TA = +25°C
µA
1.0
10
Shutdown Supply Current
VCC = 3.3V
VCC = 5.0V
VCC = 3.3V
VCC = 5.0V
DC CHARACTERISTICS
LOGIC INPUTS AND RECEIVER OUTPUTS
RECEIVER INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com