Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3241CUI Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3241CUI
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241CUI Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3241CUI Datasheet HTML 3Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 4Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 5Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 6Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 7Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 8Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 9Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 10Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
_______________________________________________________________________________________
7
_______________Detailed Description
Dual Charge-Pump Voltage Converter
The MAX3222/MAX3232/MAX3237/MAX3241’s internal
power supply consists of a regulated dual charge pump
that provides output voltages of +5.5V (doubling charge
pump) and -5.5V (inverting charge pump), regardless of
the input voltage (VCC) over the 3.0V to 5.5V range. The
charge pumps operate in a discontinuous mode; if the
output voltages are less than 5.5V, the charge pumps
are enabled, and if the output voltages exceed 5.5V, the
charge pumps are disabled. Each charge pump
requires a flying capacitor (C1, C2) and a reservoir
capacitor (C3, C4) to generate the V+ and V- supplies.
RS-232 Transmitters
The transmitters are inverting level translators that con-
vert CMOS-logic levels to 5.0V EIA/TIA-232 levels.
The MAX3222/MAX3232/MAX3241 transmitters guaran-
tee a 120kbps data rate with worst-case loads of 3k
Ω in
parallel with 1000pF, providing compatibility with PC-to-
PC communication software (such as LapLink™).
Typically, these three devices can operate at data rates
of 235kbps. Transmitters can be paralleled to drive multi-
ple receivers or mice.
The MAX3222/MAX3237/MAX3241’s output stage is
turned off (high impedance) when the device is in shut-
down mode. When the power is off, the MAX3222/
MAX3232/MAX3237/MAX3241 permit the outputs to be
driven up to ±12V.
The transmitter inputs do not have pull-up resistors.
Connect unused inputs to GND or VCC.
MAX3237 MegaBaud Operation
In normal operating mode (MBAUD = GND), the
MAX3237 transmitters guarantee a 250kbps data rate
with worst-case loads of 3k
Ω in parallel with 1000pF.
This provides compatibility with PC-to-PC communica-
tion software, such as Laplink™.
For higher speed serial communications, the MAX3237
features MegaBaud operation. In MegaBaud operating
mode (MBAUD = VCC), the MAX3237 transmitters guar-
antee a 1Mbps data rate with worst-case loads of 3k
Ω in
parallel with 250pF for 3.0V < VCC < 4.5V. For 5V ±10%
operation, the MAX3237 transmitters guarantee a 1Mbps
data rate into worst-case loads of 3k
Ω in parallel with
1000pF.
MAX3222
MAX3232
MAX3237
MAX3241
5k
R_ IN
R_ OUT
EN
*
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1
µF
VCC
SHDN
*
T_ OUT
T_ IN
GND
VCC
0V
7k
150pF
MAX3222
MAX3232
MAX3237
MAX3241
5k
R_ IN
R_ OUT
EN
*
C2-
C2+
C1-
C1+
V-
V+
VCC
C4
C3
C1
C2
0.1
µF
VCC
SHDN
*
T_ OUT
T_ IN
GND
VCC
0V
3k
2500pF
MINIMUM SLEW-RATE TEST CIRCUIT
MAXIMUM SLEW-RATE TEST CIRCUIT
* MAX3222/MAX3241 ONLY
Figure 1. Slew-Rate Test Circuits
LapLink is a trademark of Traveling Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com