Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3241CUI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3241CUI
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3241CUI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3241CUI Datasheet HTML 2Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 3Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 4Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 5Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 6Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 7Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 8Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 9Page - Maxim Integrated Products MAX3241CUI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232
Transceivers Using Four 0.1µF External Capacitors
6
_______________________________________________________________________________________
—
FUNCTION
—
MAX3222
Noninverting Complementary Receiver Outputs.
Always active.
DIP/SO
SSOP
—
11, 14
1
1
Receiver Enable. Active low.
2
2
Positive Terminal of Voltage-Doubler Charge-Pump
Capacitor
6
6
Negative Terminal of Inverting Charge-Pump
Capacitor
5
5
Positive Terminal of Inverting Charge-Pump
Capacitor
4
4
Negative Terminal of Voltage-Doubler Charge-Pump
Capacitor
3
3
+5.5V Generated by the Charge Pump
11, 12
12, 13
TTL/CMOS Transmitter Inputs
10, 13
10, 15
TTL/CMOS Receiver Outputs
9, 14
9, 16
RS-232 Receiver Inputs
8, 15
8, 17
RS-232 Transmitter Outputs
7
7
-5.5V Generated by the Charge Pump
18
20
Shutdown Control. Active low.
17
19
+3.0V to +5.5V Supply Voltage
16
18
Ground
No Connection
MAX3237
MAX3232
—
16
—
13
1
28
5
3
4
1
3
25
2
27
10, 11
17, 19, 22,
23, 24
9, 12
18, 20, 21
8, 13
8, 9, 11
7, 14
5, 6, 7,
10, 12
6
4
—
14
16
26
15
2
—
—
NAME
EN
C1+
C2-
C2+
C1-
V+
T_IN
R_OUT
R_IN
T_OUT
V-
SHDN
VCC
GND
R_OUTB
N.C.
MAX3241
20, 21
23
28
2
1
24
27
12, 13, 14
15–19
4–8
9, 10, 11
3
22
26
25
—
PIN
—
—
MegaBaud Control Input. Connect to GND for normal
operation; connect to VCC for 1Mbps transmission rates.
—
15
MBAUD
—
______________________________________________________________Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com