Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33724 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # 82P33724
Description  Differential reference inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33724 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  82P33724 Datasheet HTML 1Page - Integrated Circuit Systems 82P33724 Datasheet HTML 2Page - Integrated Circuit Systems 82P33724 Datasheet HTML 3Page - Integrated Circuit Systems 82P33724 Datasheet HTML 4Page - Integrated Circuit Systems 82P33724 Datasheet HTML 5Page - Integrated Circuit Systems 82P33724 Datasheet HTML 6Page - Integrated Circuit Systems 82P33724 Datasheet HTML 7Page - Integrated Circuit Systems 82P33724 Datasheet HTML 8Page - Integrated Circuit Systems 82P33724 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REVISION 1 09/23/14
5
PORT SYNCHRONIZER FOR IEEE 1588 AND
SYNCHRONOUS ETHERNET
82P33724 SHORT FORM DATA SHEET
2
PIN DESCRIPTION
Table 1: Pin Description
Pin No.
Name
I/O
Type
Description
Global Control Signal
6OSCI
I
CMOS
OSCI: Crystal Oscillator System Clock
A clock provided by a crystal oscillator is input on this pin. It is the system clock for the
device. The oscillator frequency is selected via pins XO_FREQ0 ~ XO_FREQ2
59
SONET/SDH/
LOS3
I
pull-down
CMOS
SONET/SDH: SONET / SDH Frequency Selection
During reset, this pin determines the default value of the IN_SONET_SDH bit:
High: The default value of the IN_SONET_SDH bit is ‘1’ (SONET);
Low: The default value of the IN_SONET_SDH bit is ‘0’ (SDH).
After reset, the value on this pin takes no effect.
LOS3- This pin is used to disqualify input clocks. See input clocks section for more details.
52
RSTB
I
pull-up
CMOS
RSTB: Reset
A low pulse of at least 50 µs on this pin resets the device.
If loading from an EEPROM, the maximum time from RSTB de-assert to have stable clocks
is 100ms. If not loading from EEPROM the maximum time from RSTB de-assert to have sta-
ble clocks is 5ms.
7
8
9
XO_FREQ0/
LOS0
XO_FREQ1/
LOS1
XO_FREQ2/
LOS2
I
pull-down
CMOS
XO_FREQ0 ~ XO_FREQ2: These pins set the oscillator frequency.
XO_FREQ[2:0] Oscillator Frequency (MHz)
000
10.000
001
12.800
010
13.000
011
19.440
100
20.000
101
24.576
110
25.000
111
30.720
LOS0 ~ LOS2 - These pins are used to disqualify input clocks. See input clocks section for
more details. After reset, this pin takes on the operation of LOS0-LOS2
Input Clock and Frame Synchronization Input Signal
31
32
IN1_POS
IN1_NEG
I
PECL/LVDS
IN1_POS / IN1_NEG: Positive / Negative Input Clock 1
A reference clock is input on this pin.This pin can also be used as a sync input, and in this
case a 2 kHz, 4 kHz, 8 kHz, or 1PPS signal can be input on this pin.
33
34
IN2_POS
IN2_NEG
I
PECL/LVDS
IN2_POS / IN2_NEG: Positive / Negative Input Clock 1
A reference clock is input on this pin.This pin can also be used as a sync input, and in this
case a 2 kHz, 4 kHz, 8 kHz, or 1PPS signal can be input on this pin.
35
36
IN3_POS
IN3_NEG
I
PECL/LVDS
IN3_POS / IN3_NEG: Positive / Negative Input Clock 3
A reference clock is input on this pin.This pin can also be used as a sync input, and in this
case a 2 kHz, 4 kHz, 8 kHz, or 1PPS signal can be input on this pin.
38
39
IN4_POS
IN4_NEG
I
PECL/LVDS
IN4_POS / IN4_NEG: Positive / Negative Input Clock 4
A reference clock is input on this pin.This pin can also be used as a sync input, and in this
case a 2 kHz, 4 kHz, 8 kHz, or 1PPS signal can be input on this pin.
37
IN5
I
pull-down
CMOS
IN5: Input Clock 5
A reference clock is input on this pin.This pin can also be used as a sync input, and in this
case a 2 kHz, 4 kHz, 8 kHz, or 1PPS signal can be input on this pin.
41
IN6
I
pull-down
CMOS
IN6: Input Clock 6
A reference clock is input on this pin.This pin can also be used as a sync input, and in this
case a 2 kHz, 4 kHz, 8 kHz, or 1PPS signal can be input on this pin.
Output Frame Synchronization Signal
43
FRSYNC
_8K_1PPS
OCMOS
FRSYNC_8K_1PPS: 8 kHz Frame Sync Output
An 8 kHz signal or a 1PPS sync signal is output on this pin.
44
MFRSYNC
_2K_1PPS
OCMOS
MFRSYNC_2K_1PPS: 2 kHz Multiframe Sync Output
A 2 kHz signal or a 1PPS sync signal is output on this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com