Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33724 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # 82P33724
Description  Differential reference inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33724 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button 82P33724 Datasheet HTML 3Page - Integrated Circuit Systems 82P33724 Datasheet HTML 4Page - Integrated Circuit Systems 82P33724 Datasheet HTML 5Page - Integrated Circuit Systems 82P33724 Datasheet HTML 6Page - Integrated Circuit Systems 82P33724 Datasheet HTML 7Page - Integrated Circuit Systems 82P33724 Datasheet HTML 8Page - Integrated Circuit Systems 82P33724 Datasheet HTML 9Page - Integrated Circuit Systems 82P33724 Datasheet HTML 10Page - Integrated Circuit Systems 82P33724 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
REVISION 1 09/23/14
7
PORT SYNCHRONIZER FOR IEEE 1588 AND
SYNCHRONOUS ETHERNET
82P33724 SHORT FORM DATA SHEET
47
SDI/I2C_AD2/
UART_RX
I
pull-down
CMOS
SDI: Serial Data Input
In Serial mode, this pin is used as the serial data input. Address and data on this pin are seri-
ally clocked into the device on the rising edge of SCLK.
I2C_AD2: Device Address Bit 2
In I2C mode, I2C_AD[2:0] pins are the address bus of the microprocessor interface.
UART_RX
In UART mode, this pin is used as the receive data (UART Receive)
48
CLKE/I2C_AD1
I
pull-down
CMOS
CLKE: SCLK Active Edge Selection
In Serial mode, this pin is an input, it selects the active edge of SCLK to update the SDO:
High - The falling edge;
Low - The rising edge.
I2C_AD1: Device Address Bit 1
In I2C mode, I2C_AD[2:0] pins are the address bus of the microprocessor interface.
49
CS/I2C_AD0
I
pull-up
CMOS
CS: Chip Selection
In Serial modes, this pin is an input.A transition from high to low must occur on this pin for
each read or write operation and this pin should remain low until the operation is over.
I2C_AD0: Device Address Bit 0
In I2C mode, I2C_AD[2:0] pins are the address bus of the microprocessor interface.
50
SCLK/I2C_SCL
I
pull-down
CMOS
SCLK: Shift Clock
In Serial mode, a shift clock is input on this pin.
Data on SDI is sampled by the device on the rising edge of SCLK. Data on SDO is updated
on the active edge of SCLK. The active edge is determined by the CLKE.
I2C_SCL: Serial Clock Line
In I2C mode, the serial clock is input on this pin.
51
SDO/I2C_SDA/
UART_TX
I2C_SDA
I/O
pull-up
CMOS/
Open Drain
SDO: Serial Data Output
In Serial mode, this pin is used as the serial data output. Data on this pin is serially clocked
out of the device on the active edge of SCLK.
I2C_SDA: Serial Data Input/Output
In I2C mode, this pin is used as the input/output for the serial data.
UART_TX:
In UART mode, this pin is used as the transmit data (UART Transmit)
JTAG (per IEEE 1149.1)
14
TMS
I
pull-up
CMOS
TMS: JTAG Test Mode Select
The signal on this pin controls the JTAG test performance and is sampled on the rising edge
of TCK.
15
TRSTB
I
pull-up
CMOS
TRSTB: JTAG Test Reset (Active Low)
A low signal on this pin resets the JTAG test port.
This pin should be connected to ground when JTAG is not used.
16
TCK
I
pull-down
CMOS
TCK: JTAG Test Clock
The clock for the JTAG test is input on this pin. TDI and TMS are sampled on the rising edge
of TCK and TDO is updated on the falling edge of TCK.
If TCK is idle at a low level, all stored-state devices contained in the test logic will indefinitely
retain their state.
17
TDI
I
pull-up
CMOS
TDI: JTAG Test Data Input
The test data are input on this pin. They are clocked into the device on the rising edge of
TCK.
Table 1: Pin Description (Continued)
Pin No.
Name
I/O
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com