Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33724 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # 82P33724
Description  Differential reference inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33724 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button 82P33724 Datasheet HTML 4Page - Integrated Circuit Systems 82P33724 Datasheet HTML 5Page - Integrated Circuit Systems 82P33724 Datasheet HTML 6Page - Integrated Circuit Systems 82P33724 Datasheet HTML 7Page - Integrated Circuit Systems 82P33724 Datasheet HTML 8Page - Integrated Circuit Systems 82P33724 Datasheet HTML 9Page - Integrated Circuit Systems 82P33724 Datasheet HTML 10Page - Integrated Circuit Systems 82P33724 Datasheet HTML 11Page - Integrated Circuit Systems 82P33724 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
82P33724 SHORT FORM DATA SHEET
PORT SYNCHRONIZER FOR IEEE 1588 AND
SYNCHRONOUS ETHERNET
8
REVISION 1 09/23/14
2.1
RECOMMENDATIONS FOR UNUSED INPUT
AND OUTPUT PINS
2.1.1
INPUTS
Control Pins
All control pins have internal pull-ups or pull-downs; additional resis-
tance is not required but can be added for additional protection. A 1kΩ
resistor can be used.
Single-Ended Clock Inputs
For protection, unused single-ended clock inputs should be tied to
ground.
Differential Clock Inputs
For applications not requiring the use of a differential input, both
*_POS and *_NEG can be left floating. Though not required, but for
additional protection, a 1kΩ resistor can be tied from _POS to ground.
2.1.2
OUTPUTS
Status Pins
For applications not requiring the use of a status pin, we recommend
bringing out to a test point for debugging purposes.
Single-Ended Clock Outputs
All unused single-ended clock outputs can be left floating, or can be
brought out to a test point for debugging purposes.
Differential Clock Outputs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output pair
should either be left floating or terminated.
18
TDO
O
tri-state
CMOS
TDO: JTAG Test Data Output
The test data are output on this pin. They are clocked out of the device on the falling edge of
TCK.
TDO pin outputs a high impedance signal except during the process of data scanning.
Power & Ground
2, 3, 4, 5, 10 11, 12
VDDA
Power
-
VDDA: Analog Core Power - +3.3V DC nominal
20, 24, 69, 72
VDDAO
Power
VDDAO: Analog Output Power - +3.3V DC nominal
27, 29, 64, 66
VDDDO
Power
VDDDO: Digital Output Power - +3.3V DC nominal
40, 62
VDDD
Power
VDDD: Digital Core Power - +3.3V DC nominal
42, 53
VDDD_1_8
Power
VDDD_1_8: Digital Core Power - +1.8V DC nominal
19,23
VSSAO
Ground
VSSAO: Ground
73 (e_PAD)
VSS
Ground
-
VSS: Ground
Other
58
IC
-
-
IC: Internal Connection
Internal Use. This pin must be left open for normal operation.
Table 1: Pin Description (Continued)
Pin No.
Name
I/O
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com