Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4018EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4018EEE
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4018EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4018EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
_______________Detailed Description
The MAX4012/MAX4016/MAX4018/MAX4020 are sin-
gle-supply, rail-to-rail, voltage-feedback amplifiers that
employ current-feedback techniques to achieve
600V/µs slew rates and 200MHz bandwidths. Excellent
harmonic distortion and differential gain/phase perfor-
mance make these amplifiers an ideal choice for a wide
variety of video and RF signal-processing applications.
The output voltage swing comes to within 50mV of each
supply rail. Local feedback around the output stage
assures low open-loop output impedance to reduce
gain sensitivity to load variations. This feedback also
produces demand-driven current bias to the output
transistors for ±120mA drive capability, while constrain-
ing total supply current to less than 7mA. The input
stage permits common-mode voltages beyond the nega-
tive supply and to within 2.25V of the positive supply rail.
__________Applications Information
Choosing Resistor Values
Unity-Gain Configuration
The MAX4012/MAX4016/MAX4018/MAX4020 are inter-
nally compensated for unity gain. When configured for
unity gain, the devices require a 24
Ω resistor (RF) in
series with the feedback path. This resistor improves
AC response by reducing the Q of the parallel LC cir-
cuit formed by the parasitic feedback capacitance and
inductance.
Inverting and Noninverting Configurations
Select the gain-setting feedback (RF) and input (RG)
resistor values to fit your application. Large resistor val-
ues increase voltage noise and interact with the amplifi-
er’s input and PC board capacitance. This can
generate undesirable poles and zeros and decrease
bandwidth or cause oscillations. For example, a nonin-
verting gain-of-two configuration (RF = RG) using 1k
Ω
resistors, combined with 1pF of amplifier input capaci-
tance and 1pF of PC board capacitance, causes a pole
at 159MHz. Since this pole is within the amplifier band-
width, it jeopardizes stability. Reducing the 1k
Ω resis-
tors to 100
Ω extends the pole frequency to 1.59GHz,
but could limit output swing by adding 200
Ω in parallel
with the amplifier’s load resistor. Table 1 shows sug-
gested feedback, gain resistors, and bandwidth for
several gain values in the configurations shown in
Figures 1a and 1b.
Layout and Power-Supply Bypassing
These amplifiers operate from a single +3.3V to +11V
power supply or from dual supplies to ±5.5V. For single-
supply operation, bypass VCC to ground with a 0.1µF
capacitor as close to the pin as possible. If operating with
dual supplies, bypass each supply with a 0.1µF capacitor.
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
10
______________________________________________________________________________________
IN
RG
VOUT = [1+ (RF / RG)] VIN
RF
RTO
RTIN
RO
VOUT
MAX40_ _
IN
RG
VOUT = -(RF / RG) VIN
RF
RTO
RS
RTIN
RO
VOUT
MAX40_ _
Figure 1a. Noninverting Gain Configuration
Figure 1b. Inverting Gain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com