Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4018EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4018EEE
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4018EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4018EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
To implement the mux function, the outputs of multiple
amplifiers can be tied together, and only the amplifier
with the selected input will be enabled. All of the other
amplifiers will be placed in the low-power shutdown
mode, with their high output impedance presenting
very little load to the active amplifier output. For gains
of +2 or greater, the feedback network impedance of
all the amplifiers used in a mux application must be
considered when calculating the total load on the
active amplifier output
Output Capacitive Loading and Stability
The MAX4012/MAX4016/MAX4018/MAX4020 are opti-
mized for AC performance. They are not designed to
drive highly reactive loads, which decreases phase
margin and may produce excessive ringing and oscilla-
tion. Figure 5 shows a circuit that eliminates this prob-
lem. Figure 6 is a graph of the optimal isolation resistor
(RS) vs. capacitive load. Figure 7 shows how a capaci-
tive load causes excessive peaking of the amplifier’s
frequency response if the capacitor is not isolated from
the amplifier by a resistor. A small isolation resistor
(usually 20
Ω to 30Ω) placed before the reactive load
prevents ringing and oscillation. At higher capacitive
loads, AC performance is controlled by the interaction
of the load capacitance and the isolation resistor.
Figure 8 shows the effect of a 27
Ω isolation resistor on
closed-loop response.
Coaxial cable and other transmission lines are easily
driven when properly terminated at both ends with their
characteristic impedance. Driving back-terminated
transmission lines essentially eliminates the line’s
capacitance.
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
12
______________________________________________________________________________________
OUT
IN-
EN_
IN+
10k
ENABLE
MAX40_ _
20
-160
0
50 100 150
300 350
500
-100
-120
0
mV ABOVE VEE
200 250
400 450
-60
-140
-20
-40
-80
0
-10
0
50 100 150
300 350
500
-7
-8
-1
mV ABOVE VEE
200 250
400 450
-3
-5
-9
-2
-4
-6
Figure 2. Enable Logic-Low Input Current vs. VIL
Figure 4. Enable Logic-Low Input Current vs. VIL with 10kΩ
Series Resistor
Figure 3. Circuit to Reduce Enable Logic-Low Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com