Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4018EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4018EEE
Description  Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4018EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4018EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4018EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX4012 single, MAX4016 dual, MAX4018 triple,
and MAX4020 quad op amps are unity-gain-stable
devices that combine high-speed performance with
Rail-to-Rail® outputs. The MAX4018 has a disable fea-
ture that reduces power-supply current to 400µA and
places its outputs into a high-impedance state. These
devices operate from a +3.3V to +10V single supply or
from ±1.65V to ±5V dual supplies. The common-mode
input voltage range extends beyond the negative
power-supply rail (ground in single-supply applica-
tions).
These devices require only 5.5mA of quiescent supply
current while achieving a 200MHz -3dB bandwidth and
a 600V/µs slew rate. These parts are an excellent solu-
tion in low-power/low-voltage systems that require wide
bandwidth, such as video, communications, and instru-
mentation. In addition, when disabled, their high output
impedance makes them ideal for multiplexing applica-
tions.
The MAX4012 comes in a miniature 5-pin SOT23 pack-
age, while the MAX4016 comes in 8-pin µMAX and SO
packages. The MAX4018/MAX4020 are available in a
space-saving 16-pin QSOP, as well as a 14-pin SO.
________________________Applications
Set-Top Boxes
Surveillance Video Systems
Battery-Powered Instruments
Video Line Driver
Analog-to-Digital Converter Interface
CCD Imaging Systems
Video Routing and Switching Systems
____________________________Features
o Low-Cost
o High Speed:
200MHz -3dB Bandwidth (MAX4012)
150MHz -3dB Bandwidth (MAX4016/18/20)
30MHz 0.1dB Gain Flatness
600V/µs Slew Rate
o Single 3.3V/5.0V Operation
o Rail-to-Rail Outputs
o Input Common-Mode Range Extends Beyond VEE
o Low Differential Gain/Phase: 0.02%/0.02°
o Low Distortion at 5MHz:
-78dBc SFDR
-75dB Total Harmonic Distortion
o High Output Drive: ±120mA
o 400µA Shutdown Capability (MAX4018)
o High Output Impedance in Off State (MAX4018)
o Space-Saving SOT23-5, µMAX, or QSOP Packages
Low-Cost, High-Speed, SOT23, Single-Supply
Op Amps with Rail-to-Rail Outputs
________________________________________________________________
Maxim Integrated Products
1
VEE
IN-
IN+
1
5
VCC
OUT
MAX4012
SOT23-5
TOP VIEW
2
3
4
_________________Pin Configurations
RO
50
Ω
IN
VOUT
ZO = 50Ω
UNITY-GAIN LINE DRIVER
(RL = RO + RTO)
RF
24
Ω
RTO
50
Ω
RTIN
50
Ω
MAX4012
__________Typical Operating Circuit
19-1246; Rev 0; 7/97
______________Ordering Information
Ordering Information continued at end of data sheet.
Pin Configurations continued at end of data sheet.
Rail-to-Rail is a registered trademark of Nippon Motorola Ltd.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
For small orders, phone 408-737-7600 ext. 3468.
PART
TEMP.
RANGE
PIN-
PACKAGE
5 SOT23-5
MAX4012EUK
-40°C to +85°C
SOT
TOP
MARK
ABZP
8 SO
MAX4016ESA
-40°C to +85°C
—
8 µMAX
MAX4016EUA
-40°C to +85°C
—


Similar Part No. - MAX4018EEE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX4018EEE+T AD-MAX4018EEE+T Datasheet
2Mb / 18P
Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 8/22
More results

Similar Description - MAX4018EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
logo
Analog Devices
ADA4851-1 AD-ADA4851-1 Datasheet
399Kb / 20P
Low Cost, High Speed, Rail-to-Rail Output Op Amps
5/05-Rev. B to Rev. C
ADA4851-1 AD-ADA4851-1_06 Datasheet
451Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
4/06-Rev. C to Rev. D
ADA4851-1 AD-ADA4851-1_07 Datasheet
487Kb / 20P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. E
logo
Maxim Integrated Produc...
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
logo
Analog Devices
ADA4851-2 AD-ADA4851-2 Datasheet
432Kb / 24P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-1 AD-ADA4851-1_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
ADA4851-4 AD-ADA4851-4_15 Datasheet
636Kb / 25P
Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com