Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232H Datasheet(PDF) 52 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 52 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 48Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 49Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 50Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 51Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 52Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 53Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 54Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 55Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 56Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
52
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
6.2 USB Self Powered Configuration
Self Powered application example 1: Self powered configuration running on 5V.
Figure 6.2 Self Powered Configuration Example 1
Figure 6.2 illustrates the FT232H in a typical USB self powered configuration. A USB self powered device
gets its power from its own external power supply which is connected to VREGIN. In this application the
VREGIN is the +5V input to the on chip +3.3V/1.8V regulator. The output of the on chip LDO regulator
(+1.8V) drives pin 38, VCORE and pin 37, VCCA. The output of the on chip LDO regulator (3.3V) supplies
3.3V to the VCCIOs, VPLL and VPHY through VCCD.
Please note that when the FT232H running on +5V (VREGIN), the VCCD becomes an output.
Note that in this set-up, the EEPROM should be configured for self-powered operation and the option
“suspend on ACBUS7 low” is enabled in FT_Prog. This configuration uses the ACBUS7 pin, when this
function is enabled ACBUS7 should not be used as a GPIO in MPSSE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com