Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232H Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # FT232H
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232H Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button FT232H Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232H Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
6
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
4.7.2
Synchronous Bit-Bang Mode........................................................................................ 34
4.8
MPSSE Interface Mode Description. .................................................. 36
4.8.1
MPSSE Adaptive Clocking............................................................................................ 37
4.9
Fast Serial Interface Mode Description ............................................. 38
4.9.1
Outgoing Fast Serial Data ........................................................................................... 39
4.9.2
Incoming Fast Serial Data........................................................................................... 39
4.9.3
Fast Serial Data Interface Example .............................................................................. 40
4.10
CPU-style FIFO Interface Mode Description ................................... 41
4.11
RS232 UART Mode LED Interface Description ................................ 43
4.12
Send Immediate / Wake Up (SIWU#)............................................ 44
4.13
FT232H Mode Selection.................................................................. 45
4.14
Modes Configurations .................................................................... 46
5
Devices Characteristics and Ratings ........................................... 47
5.1
Absolute Maximum Ratings............................................................... 47
5.2
DC Characteristics............................................................................. 48
5.3
ESD Tolerance................................................................................... 50
6
FT232H Configurations ............................................................... 51
6.1
USB Bus Powered Configuration ....................................................... 51
6.2
USB Self Powered Configuration ....................................................... 52
6.2.1
Self Powered application example 2 ............................................................................. 53
6.3
Oscillator Configuration .................................................................... 54
7
EEPROM Configuration................................................................ 55
7.1
EEPROM Interface............................................................................. 55
7.2
Default EEPROM Configuration.......................................................... 56
8
Package Parameters................................................................... 58
8.1
FT232HQ, QFN-48 Package Dimensions ............................................ 58
8.2
FT232HL, LQFP-48 Package Dimensions ........................................... 59
8.3
Solder Reflow Profile ........................................................................ 60
9
Contact Information ................................................................... 62
Appendix A – List of Figures and Tables .................................................... 63
List of Tables ............................................................................................. 63
List of Figures............................................................................................ 64
Appendix B – Revision History ................................................................... 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com