Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT234XD Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT234XD
Description  The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT234XD Datasheet HTML 19Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 20Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 21Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 22Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 23Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 24Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 25Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 26Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
23
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
7 Application Examples
The following sections illustrate possible applications of the FT234XD.
7.1 USB to RS232 Converter
GND
R5
10k
GND
VBUS
C4
10nF
C3
0.1uF
C1
4.7uF
GND
GND
FB1
600R/0.5A
VBUS
1
D-
2
D+
3
GND
4
CN1
USB
C5
47pF
C6
47pF
GND
GND
C2
0.1uF
RXD
10
USBDP
12
USBDM
1
3V3OUT
3
RESET#
2
CBUS0
6
TXD
7
CTS#
11
RTS#
8
U1
FT234XD
R1
10k
C7
10nF
GND
GND
TXD
RXD
RTS#
CTS#
SLEEP#
R3
27R
R2
27R
16
12
13
9
15
10
17
8
C1+
2
C2+
5
GND
18
C1-
4
VCC
19
C2-
6
V-
7
V+
3
EN
1
SHDN
20
NC
11
NC
14
U2
ZT3222F
C10
0.1uF
C9
0.1uF
C11 0.1uF
C12 0.1uF
C8
0.1uF
GND
TXD_RS232
RXD_RS232
RTS_RS232
CTS_RS232
Figure 7.1 Application Example showing USB to RS232 Converter
An example of using the FT234XD as a USB to RS232 converter is illustrated in Figure 7.1. In this
application, a 3V3 TTL to RS232 Level Converter IC is used on the serial UART interface of the FT234XD
to convert the 3V3 levels of the FT234XD to RS232 levels. This level shift can be done using line drivers
from a variety of vendors e.g. Zywyn. A useful feature on some of these devices is the SHDN# pin which
can be used to power down the device to a low quiescent current during USB suspend mode.
A suitable level shifting device is the Zywyn ZT3222F which is capable of RS232 communication at up to
1000k baud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com