Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT234XD Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # FT234XD
Description  The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button FT234XD Datasheet HTML 29Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 30Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 31Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 32Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 33Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 34Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 35Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 36Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 37Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
37
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
Appendix C - Revision History
Document Title:
USB to BASIC UART IC FT234XD
Document Reference No.:
FT_000753
Clearance No.:
FTDI#324
Product Page:
http://www.ftdichip.com/FT-X.htm
Document Feedback:
Send Feedback
Version 1.0
First release
January 2013
Version 1.1
Updated TID info. Added clarification that we are 5V tolerant February 2013
Version 1.2
Added reference to WDFN chip dimensions
Aug 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com