Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT234XD Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT234XD
Description  The FT234XD is a USB to serial UART interface with optimised packaging (3mm x 3mm 12 pin DFN) for smaller PCB designs and the following advanced features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT234XD Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT234XD Datasheet HTML 5Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 6Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 7Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 8Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 9Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 10Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 11Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 12Page - Future Technology Devices International Ltd. FT234XD Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
Copyright © 2015 Future Technology Devices International Limited
9
FT234XD USB TO BASIC UART IC
Version 1.2
Document No.: FT_000753 Clearance No.: FTDI#324
3.2 CBUS Signal Options
The following options can be configured on the CBUS0 I/O pin. These options can be configured in the
internal MTP memory using the software utility FT_PROG which can be downloaded from the FTDI Utilities
(www.ftdichip.com). The default configuration is described in Section 8.
CBUS Signal
Option
CBUS Pin
Description
TRI-STATE
CBUS0
IO Pad is tri-stated
DRIVE 1
CBUS0
Output a constant 1
DRIVE 0
CBUS0
Output a constant 0
TXDEN
CBUS0
Enable transmit data for RS485
PWREN#
CBUS0
Output is low after the device has been configured by
USB, then high during USB suspend mode. This output
can be used to control power to external logic P-Channel
logic level MOSFET switch. Enable the interface pull-down
option when using the PWREN# in this way.
TXLED#
CBUS0
Transmit data LED drive – pulses low when transmitting
data via USB. See Section 7.5 for more details.
RXLED#
CBUS0
Receive data LED drive – pulses low when receiving data
via USB. See Section 7.5 for more details.
TX&RXLED#
CBUS0
LED drive – pulses low when transmitting or receiving
data via USB. See Section 7.5 for more details.
SLEEP#
CBUS0
Goes low during USB suspend mode. Typically used to
power down an external TTL to RS232 level converter IC
in USB to RS232 converter designs.
CLK24MHz
CBUS0
24 MHz Clock output.*
CLK12MHz
CBUS0
12 MHz Clock output.*
CLK6MHz
CBUS0
6 MHz Clock output.*
GPIO
CBUS0
CBUS bit bang mode option. Allows the CBUS pin to be
used as general purpose I/O. Configured in the internal
MTP
memory. A separate application note, AN232R-01,
available from FTDI website (www.ftdichip.com) describes
in more detail how to use CBUS bit bang mode.
BCD Charger
CBUS0
Battery Charging Detection indicates when the device is
connected to a dedicated battery charger host. Active
high output.
BCD Charger#
CBUS0
Inverse of BCD Charger
BitBang_WR#
CBUS0
Synchronous and asynchronous bit bang mode WR#
strobe output.
BitBang_RD#
CBUS0
Synchronous and asynchronous bit bang mode RD#
strobe output.
VBUS Sense
CBUS0
Input to detect when VBUS is present.
Time Stamp
CBUS0
Toggle signal which changes state each time a USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com