Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4621 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4621
Description  Dual, 5??Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4621 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4621 Datasheet HTML 1Page - Maxim Integrated Products MAX4621 Datasheet HTML 2Page - Maxim Integrated Products MAX4621 Datasheet HTML 3Page - Maxim Integrated Products MAX4621 Datasheet HTML 4Page - Maxim Integrated Products MAX4621 Datasheet HTML 5Page - Maxim Integrated Products MAX4621 Datasheet HTML 6Page - Maxim Integrated Products MAX4621 Datasheet HTML 7Page - Maxim Integrated Products MAX4621 Datasheet HTML 8Page - Maxim Integrated Products MAX4621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Dual, 5
Ω Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = +12V, V- = 0, VL = +5V, GND = 0, VINH = +2.4V, VINL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
TA = +25°C.) (Note 2)
-0.5
0.01
0.5
TA = +25°C
0.9
1.3
0.2
0.5
VCOM_ = 1V, 10V;
VNO_ or VNC_ = 10V, 1V
nA
ICOM_ = 10mA; VNO_ or VNC_ = 3V, 6V, 9V;
TA = +25°C
Ω
RFLAT(ON)
VIN_ = 2.4V
VINL
Logic Input Voltage Low
V
CONDITIONS
On-Resistance Flatness
(Notes 3, 5)
-5
5
INO_(OFF),
INC_(OFF)
NO_ or NC_ Off-Leakage
Current (Notes 6, 9)
TA = TMIN to TMAX
-1
0.02
1
TA = +25°C
-0.5
0.01
0.5
VCOM_ = 10V, 1V;
VNO_ or VNC_ = 10V,
1V, or floating
nA
TA = +25°C
VCOM_ = 10V, 1V;
VNO_ or VNC_ = 1V, 10V
nA
-5
5
ICOM_(OFF)
COM_ Off-Leakage Current
(Notes 6, 9)
TA = TMIN to TMAX
-10
10
ICOM_(ON)
COM_ On-Leakage Current
(Notes 6, 9)
TA = TMIN to TMAX
2.4
-0.5
0.001
0.5
µA
IINH
V
0.8
VINH
Logic Input Voltage High
Input Current with Input
Voltage High
5.5
8
ICOM_ = 10mA, VNO_ or VNC_ = 10V,
TA = +25°C
Ω
V
GND
V+
VCOM_,
VNO_,
VNC_
Input Voltage Range
(Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
ICOM_ = 10mA,
VNO_ or VNC_ = 10V
Ω
10
RON
On-Resistance
TA = TMIN to TMAX
∆RON
On-Resistance Match
Between Channels
(Notes 3, 4)
VIN_ = 0.8V
-0.5
0.001
0.5
µA
IINL
Input Current with Input
Voltage Low
Power-Supply Range
V
4.5
36.0
-0.5
0.001
0.5
VIN_ = 0 or 5V
I+
Positive Supply Current
µA
-5
5
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
-0.5
0.001
0.5
VIN_ = 0 or 5V
IL
Logic Supply Current
µA
-5
5
TA = +25°C
TA = TMIN to TMAX
-0.5
0.001
0.5
VIN_ = 0 or 5V
IGND
Ground Current
µA
-5
5
ANALOG SWITCH
LOGIC INPUT
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com