Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4621 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4621
Description  Dual, 5??Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4621 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4621 Datasheet HTML 3Page - Maxim Integrated Products MAX4621 Datasheet HTML 4Page - Maxim Integrated Products MAX4621 Datasheet HTML 5Page - Maxim Integrated Products MAX4621 Datasheet HTML 6Page - Maxim Integrated Products MAX4621 Datasheet HTML 7Page - Maxim Integrated Products MAX4621 Datasheet HTML 8Page - Maxim Integrated Products MAX4621 Datasheet HTML 9Page - Maxim Integrated Products MAX4621 Datasheet HTML 10Page - Maxim Integrated Products MAX4621 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Dual, 5
Ω Analog Switches
_______________________________________________________________________________________
7
Pin Description
Applications Information
Operation with Supply Voltages
Other than ±15V
The MAX4621/MAX4622/MAX4623 switches operate with
±4.5V to ±18V bipolar supplies and a +4.5V to +36V sin-
gle supply. In either case, analog signals ranging from
V+ to V- can be switched. The
Typical Operating
Characteristics graphs show the typical on-resistance
variation with analog signal and supply voltage.
Overvoltage Protection
Proper power-supply sequencing is recommended for all
CMOS devices. It is important not to exceed the absolute
maximum ratings because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by VL, V-, and
logic inputs. If power-supply sequencing is not possible,
add two small signal diodes in series with the supply pins
and a Schottky diode between V+ and VL (Figure 1).
Adding diodes reduces the analog signal range to 1V
below V+ and 1V above V-, but low switch resistance and
low leakage characteristics are unaffected. The differ-
ence between V+ and V- should not exceed +44V.
Negative Supply Voltage
14
Ground
13
Logic Supply-Voltage Input
12
Positive Supply-Voltage Input
11
Not internally connected
2, 7
Switch Common Terminal
1, 3, 6, 8
Negative Supply Voltage
Input
14
Ground
13
Positive Supply-Voltage Input
11
Not internally connected
2, 7
Switch Common Terminal
1, 3, 6, 8
Ground
14
Negative Supply Voltage
Input
13
Logic Supply-Voltage Input
12
Positive Supply-Voltage Input
11
Digital Logic Inputs
10, 15
Switch Normally Open
Terminal
9, 16
Not internally connected
2–7
Switch Common Terminal
1, 8
FUNCTION
PIN
Vg
VL
NO_
V+
COM_
V-
*
*
*
*
MAX4621
MAX4622
MAX4623
Figure 1. Overvoltage Protection Using Blocking Diodes
*INTERNAL PROTECTION DIODES
V-
GND
VL
V+
N.C.
COM_
V-
GND
V+
N.C.
COM_
V-
GND
VL
V+
IN2, IN1
NO2, NO1
N.C.
COM1,
COM2
NAME
NC_, NO_
Switch Normally Closed/Open
Terminal
4, 5, 9, 16
NO_
Switch Normally Open
Terminal
4, 5, 9, 16
VL
Logic Supply-Voltage Input
12
IN2, IN1
Digital Logic Inputs
10, 15
IN2, IN1
Digital Logic Inputs
10, 15
MAX4621
MAX4622
MAX4623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com