Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4621 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4621
Description  Dual, 5??Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4621 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4621 Datasheet HTML 2Page - Maxim Integrated Products MAX4621 Datasheet HTML 3Page - Maxim Integrated Products MAX4621 Datasheet HTML 4Page - Maxim Integrated Products MAX4621 Datasheet HTML 5Page - Maxim Integrated Products MAX4621 Datasheet HTML 6Page - Maxim Integrated Products MAX4621 Datasheet HTML 7Page - Maxim Integrated Products MAX4621 Datasheet HTML 8Page - Maxim Integrated Products MAX4621 Datasheet HTML 9Page - Maxim Integrated Products MAX4621 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Dual, 5
Ω Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
2.0
3.0
2.5
4.0
3.5
5.0
4.5
5.5
6.5
6.0
7.0
-20
-10
-5
-15
0
5
10
15
20
ON-RESISTANCE
vs. VCOM (DUAL SUPPLIES)
VCOM (V)
V+, V- =
±5V
ICOM = 10mA
V+, V- =
±15V
V+, V- =
±20V
1.5
2.5
2.0
3.5
3.0
4.5
4.0
5.0
-15
-5
0
-10
5
10
15
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
TA = +85°C
TA = +25°C
TA = -40°C
V+ = +15V, V- = -15V
ICOM = 10mA
2
6
4
10
8
12
14
16
18
06
9
3
1215182124
ON-RESISTANCE
vs. VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = 5V
V+ = 12V
V+ = 24V
ICOM = 10mA
V- = GND
3.0
4.5
4.0
3.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
04
26
8
10
12
ON-RESISTANCE vs. VCOM
AND TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
TA = +85°C
TA = +25°C
TA = -40°C
ICOM = 10mA
V+ = 12V, V- = GND
0.01
0.1
10k
10
1
100
1k
0.001
-40
-10
5
20
-25
35
50
95
80
65
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
I-
V+ = +15V
V- = -15V
I+
10
1
0.1
100
1k
10k
-40
-10
5
20
-25
35
50
95
80
65
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
ON-LEAKAGE
OFF-LEAKAGE
V+ = +15V
V- = -15V
0.01
0
-100
100
-200
300
200
500
400
600
700
-15
-5
-10
0
5
10
15
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = +15V
V- = -15V
V+ = +12V
V- = 0
-10
-100
0.1
100
10
1
FREQUENCY RESPONSE
-70
-90
-30
-50
0
-60
-80
-20
-40
MAX4621/2/3-08
FREQUENCY (MHz)
90
180
-720
-450
-630
-90
-270
-360
-540
0
-180
OFF-ISOLATION
ON-PHASE
ON-RESPONSE
V+ = +15V
V- = -15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com