Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX475CSD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX475CSD
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX475CSD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX475CSD Datasheet HTML 4Page - Maxim Integrated Products MAX475CSD Datasheet HTML 5Page - Maxim Integrated Products MAX475CSD Datasheet HTML 6Page - Maxim Integrated Products MAX475CSD Datasheet HTML 7Page - Maxim Integrated Products MAX475CSD Datasheet HTML 8Page - Maxim Integrated Products MAX475CSD Datasheet HTML 9Page - Maxim Integrated Products MAX475CSD Datasheet HTML 10Page - Maxim Integrated Products MAX475CSD Datasheet HTML 11Page - Maxim Integrated Products MAX475CSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0V, TA = +25°C, unless otherwise noted.)
VCC = 3V, AV = +1, RL = 10kΩ, CL = 100pF
A : VIN, 50mV/div
B : VOUT, 50mV/div
SMALL-SIGNAL TRANSIENT RESPONSE
(VCC = 3V)
A
0.5V
B
0.5V
200ns/div
VCC = 5V, AV = +1, RL = 10kΩ, CL = 220pF
A : VIN, 50mV/div
B : VOUT, 50mV/div
SMALL-SIGNAL TRANSIENT RESPONSE
(VCC = 5V)
A
0.5V
B
0.5V
200ns/div
VCC = 5V, AV = +1, RL = 10kΩ, CL = 220pF
A : VIN, 1V/div
B : VOUT, 500mV/div
LARGE-SIGNAL TRANSIENT RESPONSE
A
0.5V
B
0.5V
200ns/div
VCC = 5V, VIN- = 2.0V, RL = 10kΩ, CL = 33pF
A : VIN+, 1V/div
B : VOUT, 1V/div
OVERDRIVING THE OUTPUT
A
1.5V
B
200ns/div
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com