Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX475CSD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX475CSD
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX475CSD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX475CSD Datasheet HTML 3Page - Maxim Integrated Products MAX475CSD Datasheet HTML 4Page - Maxim Integrated Products MAX475CSD Datasheet HTML 5Page - Maxim Integrated Products MAX475CSD Datasheet HTML 6Page - Maxim Integrated Products MAX475CSD Datasheet HTML 7Page - Maxim Integrated Products MAX475CSD Datasheet HTML 8Page - Maxim Integrated Products MAX475CSD Datasheet HTML 9Page - Maxim Integrated Products MAX475CSD Datasheet HTML 10Page - Maxim Integrated Products MAX475CSD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
_______________________________________________________________________________________
7
-3
1k
10k
100k
1M
10M
UNITY-GAIN FOLLOWER
FREQUENCY RESPONSE
-2
FREQUENCY (Hz)
-1
0
1
180
144
108
72
36
0
-36
-72
-108
-144
-180
VCC = 3V
RL = 10kΩ
II 20pF
GAIN
PHASE
-3
-4
1k
10k
100k
1M
10M
UNITY-GAIN FOLLOWER
FREQUENCY RESPONSE
-2
FREQUENCY (Hz)
-1
0
1
180
144
108
72
36
0
-36
-72
-108
-144
-180
VCC = 5V
RL = 10kΩ
II 20pF
GAIN
PHASE
1k
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
0
FREQUENCY (Hz)
20
-20
40
-40
180
144
108
72
36
0
-36
-72
-108
-144
-180
10k
10k
100
20pF
VCC = 3V
GAIN
PHASE
1k
10k
100k
1M
10M
GAIN AND PHASE vs. FREQUENCY
0
FREQUENCY (Hz)
20
-20
40
-40
180
144
108
72
36
0
-36
-72
-108
-144
-180
VCC = 5V
10k
10k
100
20pF
GAIN
PHASE
80
20
1
10
100
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
30
40
FREQUENCY (kHz)
50
60
70
VCC = 3V ± 300mV
VCC = 5V ± 250mV
1sec/div
0.1Hz to 10Hz VOLTAGE NOISE
A : VCC, 5V/div
B : VOUT, 1V/div
POWER-UP TIME
A
B
500ns/div
1k
1k
100k 10pF
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com