Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX475CSD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX475CSD
Description  Single/Dual/Quad, 10MHz Single-Supply Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX475CSD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX475CSD Datasheet HTML 4Page - Maxim Integrated Products MAX475CSD Datasheet HTML 5Page - Maxim Integrated Products MAX475CSD Datasheet HTML 6Page - Maxim Integrated Products MAX475CSD Datasheet HTML 7Page - Maxim Integrated Products MAX475CSD Datasheet HTML 8Page - Maxim Integrated Products MAX475CSD Datasheet HTML 9Page - Maxim Integrated Products MAX475CSD Datasheet HTML 10Page - Maxim Integrated Products MAX475CSD Datasheet HTML 11Page - Maxim Integrated Products MAX475CSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Single/Dual/Quad, 10MHz
Single-Supply Op Amps
_______________________________________________________________________________________
9
______________________________________________________________Pin Description
Amplifier D Output
OUTD
14
—
—
Amplifier D Inverting Input
IND-
13
—
—
Amplifier D Noninverting Input
IND+
12
—
—
Amplifier C Noninverting Input
INC+
10
—
—
Amplifier C Inverting Input
INC-
9
—
—
Amplifier C Output
OUTC
8
—
—
MAX474
MAX475
PIN
INB+
OUT
INB-
OUTB
VCC
IN+
INA+
VEE
N.C.
INA-
IN-
OUTA
NULL
NAME
5
—
6
7
4
—
3
11
—
2
—
1
—
MAX473
Amplifier B Noninverting Input
5
—
Amplifier Output
—
6
Amplifier B Inverting Input
6
—
Amplifier B Output
7
—
Positive Power-Supply Pin. Connect to (+) terminal of power supply.
8
7
Noninverting Input
—
3
Amplifier A Noninverting Input
3
—
Negative Power-Supply Pin. Connect to ground or a negative voltage.
4
4
No Connect—not internally connected
—
5
Amplifier A Inverting Input
2
—
Inverting Input
—
2
Amplifier A Output
1
—
Offset Null Input. Connect to one end of 2k
Ω potentiometer for offset voltage
trimming. Connect wiper to VEE. See Figure 1.
—
1, 8
FUNCTION
__________Applications Information
Power Supplies
The MAX473/MAX474/MAX475 operate from a single
2.7V to 5.25V power supply, or from dual supplies of
±1.35V to ±2.625V. For single-supply operation,
bypass the power supply with 0.1µF. If operating from
dual supplies, bypass each supply to ground. With
0.1µF bypass capacitance, channel separation
(MAX474/MAX475) is typically better than 120dB with
signal frequencies up to 300kHz. Increasing the
bypass capacitance (e.g. 10µF
|| 0.1µF) maintains
channel separation at higher frequencies.
Minimizing Offsets
The MAX473’s maximum offset voltage is ±2mV
(TA = +25°C). If additional offset adjustment is required,
connect a 2k
Ω trim potentiometer between pins 1, 8, and
4 (Figure 1). Input offset voltage for the dual MAX474
and quad MAX475 cannot be externally trimmed.
The MAX473/MAX474/MAX475 are bipolar op amps
with low input bias currents. The bias currents at both
inputs flow out of the device. Matching the resistance
at the op amp’s inputs significantly reduces the offset
error caused by the bias currents. Place a resistor (R3)
from the noninverting input to ground when using the
inverting configuration (Figure 2a); place R3 in series
with the noninverting input when using the noninverting
configuration (Figure 2b). Select R3 such that the paral-
lel combination of R2 and R1 equals R3. Adding R3 will
slightly increase the op amp’s voltage noise.
Output Loading and Stability
The MAX473/MAX474/MAX475 op amps are unity-gain
stable. Any op amp’s stability depends on the configu-
ration, closed-loop gain, and load capacitance. The
unity-gain, noninverting buffer is the most sensitive gain
configuration, and driving capacitive loads decreases
stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com