Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951DR
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2951DR Datasheet HTML 3Page - Texas Instruments LP2951DR Datasheet HTML 4Page - Texas Instruments LP2951DR Datasheet HTML 5Page - Texas Instruments LP2951DR Datasheet HTML 6Page - Texas Instruments LP2951DR Datasheet HTML 7Page - Texas Instruments LP2951DR Datasheet HTML 8Page - Texas Instruments LP2951DR Datasheet HTML 9Page - Texas Instruments LP2951DR Datasheet HTML 10Page - Texas Instruments LP2951DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
4.900
4.925
4.950
4.975
5.000
5.025
5.050
5.075
5.100
-40 -25 -10
5
20
35
50
65
80 95 110 125
TA – Temperature – °C
IL = 100 µA
IL = 100 m A
0
10
20
30
40
50
60
70
80
90
100
110
120
0
1
2
3
4
5
6
7
8
VIN – Input Voltage – V
IL = 0
0
20
40
60
80
100
120
140
160
180
200
0
1
2
3
4
5
6
7
8
9
10
VIN – Input Voltage – V
R = 50 k
L
Ω
0
10
20
30
40
50
60
70
80
90
100
110
120
0
1
2
3
4
5
6
7
8
9
10
VIN – Input Voltage – V
R = 50
L
Ω
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
VIN – Input Voltage – V
R =
L
∞
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
I
L – Load Cur r e nt – A
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
6.6 Typical Characteristics
Figure 1. Quiescent Current vs Load Current
Figure 2. Input Current vs Input Voltage (RL = OPEN)
Figure 4. Input Current vs Input Voltage (RL = 50 Ω)
Figure 3. Input Current vs Input Voltage (RL = 50 kΩ)
Figure 5. Output Voltage vs Temperature
Figure 6. Quiescent Current vs Input Voltage (IL = 0)
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com