Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951DR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951DR
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951DR Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2951DR Datasheet HTML 12Page - Texas Instruments LP2951DR Datasheet HTML 13Page - Texas Instruments LP2951DR Datasheet HTML 14Page - Texas Instruments LP2951DR Datasheet HTML 15Page - Texas Instruments LP2951DR Datasheet HTML 16Page - Texas Instruments LP2951DR Datasheet HTML 17Page - Texas Instruments LP2951DR Datasheet HTML 18Page - Texas Instruments LP2951DR Datasheet HTML 19Page - Texas Instruments LP2951DR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LP2951-50
1
2
3
4
8
7
6
5
V
OUT
SENSE
SHUTDOWN
GND
FEEDBACK
V
TAP
1 PF
V
OUT = 5 V
330 k
ERROR
V
IN
1 PF
V
IN = 12 V
LP2950, LP2951
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP295x devices are used as low-dropout regulators with a wide range of input voltages.
8.2 Typical Application
Figure 33. 12-V to 5-V Converter
8.2.1 Design Requirements
8.2.1.1 Input Capacitor (CIN)
A 1-
μF (tantalum, ceramic, or aluminum) electrolytic capacitor should be placed locally at the input of the LP2950
or LP2951 device if there is, or will be, significant impedance between the ac filter capacitor and the input; for
example, if a battery is used as the input or if the ac filter capacitor is located more than 10 in away. There are
no ESR requirements for this capacitor, and the capacitance can be increased without limit.
8.2.1.2 Output Capacitor (COUT)
As with most PNP LDOs, stability conditions require the output capacitor to have a minimum capacitance and an
ESR that falls within a certain range.
16
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com