Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951DR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951DR
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951DR Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP2951DR Datasheet HTML 15Page - Texas Instruments LP2951DR Datasheet HTML 16Page - Texas Instruments LP2951DR Datasheet HTML 17Page - Texas Instruments LP2951DR Datasheet HTML 18Page - Texas Instruments LP2951DR Datasheet HTML 19Page - Texas Instruments LP2951DR Datasheet HTML 20Page - Texas Instruments LP2951DR Datasheet HTML 21Page - Texas Instruments LP2951DR Datasheet HTML 22Page - Texas Instruments LP2951DR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LP2951-50
1
2
3
4
8
7
6
5
1 2F
1 2F
ERROR can be left floating
if not used
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
9 Power Supply Recommendations
Maximum input voltage should be limited to 30 V for proper operation. Place input and output capacitors as close
to the device as possible to take advantage of their high frequency noise filtering properties.
10 Layout
10.1 Layout Guidelines
•
Make sure that traces on the input and outputs of the device are wide enough to handle the desired currents.
For this device, the output trace will need to be larger in order to accommodate the larger available current.
•
Place input and output capacitors as close to the device as possible to take advantage of their high frequency
noise filtering properties.
10.2 Layout Example
Figure 35. LP2951 Layout Example (D or P Package)
11 Device and Documentation Support
11.1 Trademarks
All trademarks are the property of their respective owners.
11.2 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
11.3 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com