Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BCAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX509BCAP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BCAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX509BCAP Datasheet HTML 1Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 2Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
_______________General Description
The MAX509/MAX510 are quad, serial-input, 8-bit volt-
age-output digital-to-analog converters (DACs). They
operate with a single +5V supply or dual ±5V supplies.
Internal, precision buffers swing rail-to-rail. The refer-
ence input range includes both supply rails.
The MAX509 has four separate reference inputs, allow-
ing each DAC's full-scale range to be set independently.
20-pin DIP, SSOP, and SO packages are available. The
MAX510 is identical to the MAX509 except it has two ref-
erence inputs, each shared by two DACs. The MAX510
is housed in space-saving 16-pin DIP and SO packages.
The serial interface is double-buffered: A 12-bit input
shift register is followed by four 8-bit buffer registers and
four 8-bit DAC registers. A 12-bit serial word is used to
load data into each register. Both input and DAC regis-
ters can be updated independently or simultaneously
with single software commands. Two additional asyn-
chronous control pins provide simultaneous updating
(
LDAC) or clearing (CLR) of input and DAC registers.
The interface is compatible with MicrowireTM and SPI/
QSPITM. All digital inputs and outputs are TTL/CMOS
compatible. A buffered data output provides for read-
back or daisy-chaining of serial devices.
____________________________Features
o Single +5V or Dual ±5V Supply Operation
o Output Buffer Amplifiers Swing Rail-to-Rail
o Reference Input Range Includes Both Supply Rails
o Calibrated Offset, Gain, and Linearity (1LSB TUE)
o 10MHz Serial Interface, Compatible with SPI, QSPI
(CPOL = CPHA = 0) and Microwire
o Double-Buffered Registers for Synchronous
Updating
o Serial Data Output for Daisy-Chaining
o Power-On Reset Clears Serial Interface and Sets
All Registers to Zero
______________Ordering Information
Ordering Information continued on last page.
* Dice are specified at +25°C, DC parameters only.
**Contact factory for availability and processing to MIL-STD-883.
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
________________________________________________________________
Maxim Integrated Products
1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
OUTC
OUTD
VDD
REFC
REFB
VSS
OUTA
OUTB
TOP VIEW
MAX509
REFD
CS
N.C.
SCLK
DGND
N.C.
AGND
REFA
DIN
CLR
DOUT
LDAC
DIP/SO/SSOP
_________________Pin Configurations
MAX509
OUTA
DAC A
DAC B
DAC C
DAC D
REFA
REFB
DAC
REG A
DECODE
CONTROL
INPUT
REG A
DAC
REG B
INPUT
REG B
DAC
REG C
INPUT
REG C
DAC
REG D
INPUT
REG D
12-BIT
SHIFT
REGISTER
SR
CONTROL
CS DIN SCLK
REFC
REFD
OUTB
OUTC
OUTD
DOUT
LDAC
CLR
VDD
DGND VSS
AGND
_______________Functional Diagrams
19-0155; Rev 2; 1/96
PART
TEMP. RANGE
PIN-PACKAGE
MAX509ACPP
0°C to +70°C
20 Plastic DIP
MAX509BCPP
0°C to +70°C
20 Plastic DIP
MAX509ACWP
0°C to +70°C
20 Wide SO
±1
±1 1/2
±1
MAX509BCWP
20 Wide SO
±1 1/2
MAX509ACAP
0°C to +70°C
20 SSOP
±1
0°C to +70°C
MAX509BCAP
0°C to +70°C
20 SSOP
±1 1/2
MAX509BC/D
0°C to +70°C
Dice*
±1 1/2
Pin Configurations continued at end of data sheet.
Functional Diagrams continued at end of data sheet.
TUE
(LSB)
Microwire is a trademark of National Semiconductor. SPI and QSPI are trademarks of Motorola.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX509BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090 MAXIM-MAX5090 Datasheet
116Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A/B/C MAXIM-MAX5090A/B/C Datasheet
2Mb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX5090AATE MAXIM-MAX5090AATE Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090AATE MAXIM-MAX5090AATE Datasheet
664Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results

Similar Description - MAX509BCAP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
logo
Maxim Integrated Produc...
MAX505 MAXIM-MAX505 Datasheet
554Kb / 16P
Quad 8-Bit DACs with Rail-to-Rail Voltage Outputs
Rev 2; 1/94
MAX517 MAXIM-MAX517 Datasheet
178Kb / 16P
2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 0; 5/95
MAX520 MAXIM-MAX520 Datasheet
274Kb / 20P
Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
logo
Linear Technology
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com