Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BCAP Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX509BCAP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BCAP Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX509BCAP Datasheet HTML 10Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 11Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 12Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 14Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 15Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 16Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 17Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
14
______________________________________________________________________________________
If multiple devices share a common DIN line, Figure 7's
configuration provides simultaneous update by strob-
ing
LDAC low. CS1, CS2, CS3... are driven separately,
thus controlling which data are written to devices 1, 2, 3....
Analog Section
DAC Operation
The MAX509/MAX510 contain four matched voltage-
output DACs. The DACs are inverted R-2R ladder net-
works that convert 8-bit digital words into equivalent
analog output voltages in proportion to the applied ref-
erence voltages. Each DAC in the MAX509 has a sepa-
rate reference input, while the two reference inputs in
the MAX510 each share a pair of DACs. The two refer-
ence inputs permit different full-scale output voltage
ranges for each pair of DACs. A simplified diagram of
one of the four DACs is shown in Figure 8.
Reference Input
The MAX509/MAX510 can be used for multiplying
applications. The reference accepts both DC and AC
signals. The voltage at each REF input sets the full-
scale output voltage for its respective DAC(s). If the ref-
erence voltage is positive, both the MAX509 and
MAX510 can be operated from a single supply. If dual
supplies are used, the reference input can vary from
VSS to VDD, but is always referred to AGND. The input
impedance at REF is code dependent, with the lowest
value (16k
Ω for the MAX509 and 8kΩ for the MAX510)
occurring when the input code is 55 hex or 0101 0101.
The maximum value, practically infinity, occurs when
the input code is 00 hex. Since the REF input imped-
ance is code dependent, the DAC's reference sources
must have a low output impedance (no more than 32
Ω
for the MAX509 and 16
Ω for the MAX510) to maintain
output linearity. The REF input capacitance is also code
dependent: 15pF typical for the MAX509 and 30pF
typical for the MAX510.
The output voltage for any DAC can be represented by
a digitally programmable voltage source as:
VOUT = (NB x VREF) / 256
where NB is the numerical value of the DAC's binary
input code.
Output Buffer Amplifiers
All MAX509/MAX510 voltage outputs are internally
buffered by precision unity-gain followers that slew at
up to 1V/µs. The outputs can swing from VSS to VDD.
With a 0V to +4V (or +4V to 0V) output transition, the
amplifier outputs will settle to 1/2LSB in typically 6µs
when loaded with 10k
Ω in parallel with 100pF.
The buffer amplifiers are stable with any combination of
resistive loads
≥ 2kΩ and capacitive loads ≤ 300pF.
__________Applications Information
Power Supply and
Reference Operating Ranges
The MAX509/MAX510 are fully specified to operate with
VDD = 5V ±10% and VSS = 0V to -5.5V. 8-bit perfor-
mance is guaranteed for both single- and dual-supply
operation. The zero-code output error is less than 14mV
when operating from a single +5V supply.
The DACs work well with reference voltages from VSS
to VDD. The reference voltage is referred to AGND.
The preferred power-up sequence is to apply VSS and
then VDD, but bringing up both supplies at the same
time is also acceptable. In either case, the voltage
applied to REF should not exceed VDD during power-
up or at any other time. If proper power sequencing is
not possible, connect an external Schottky diode
between VSS and AGND to ensure compliance with the
Absolute Maximum Ratings. Do not apply signals to
the digital inputs before the device is fully powered up.
Power-Supply Bypassing
and Ground Management
In single-supply operation (AGND = DGND = VSS =
0V), AGND, DGND and VSS should be connected
together in a "star" ground at the chip. This ground
should then return to the highest quality ground avail-
able. Bypass VDD with a 0.1µF capacitor, located as
close to VDD and DGND as possible. In dual-supply
operation, bypass VSS to AGND with 0.1µF.
Careful PC board layout minimizes crosstalk among
DAC outputs, reference inputs, and digital inputs.
Figures 9 and 10 show suggested circuit board layouts
to minimize crosstalk.
2R
R
RR
2R
2R
2R
2R
2R
D0
D5
D6
D7
REF_
AGND
SHOWN FOR ALL 1 ON DAC
OUT_
Figure 8. DAC Simplified Circuit Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com