Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX509BCAP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX509BCAP
Description  Quad, Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX509BCAP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX509BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 9Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 10Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 11Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 12Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 13Page - Maxim Integrated Products MAX509BCAP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Quad, Serial 8-Bit DACs
with Rail-to-Rail Outputs
10
______________________________________________________________________________________
• • •
• • •
• • •
• • •
• • •
tLDW
SCLK
DIN
DOUT
LDAC
CS
tDO
tDH
tDS
tCSH0
tCSS
tCH
tCL
tCSH1
tCSH2
tCLL
NOTE: TIMING SPECIFICATION tCLL IS RECOMMENDED TO MINIMIZE OUTPUT GLITCH, BUT IS NOT MANDATORY.
Figure 2. Detailed Serial Interface Timing (Mode 0 Shown)
Table 1. Serial-Interface Programming Commands
Mode 0, DOUT clocked out on falling edge of SCLK.
All DACs updated from input registers.
Mode 1, DOUT clocked out on rising edge of SCLK
(default). All DACs updated from respective input
registers.
“
LDAC” Command, all DACs updated from respective
input registers.
12-Bit Serial Word
0
0
1
1
0
0
1
1
C0
0
0
0
0
0
1
1
1
1
1
1
1
1
C1
1
1
1
0
0
1
1
1
1
0
0
0
0
A0
0
1
X
1
0
0
1
0
1
0
1
0
1
Function
LDAC
D7 . . . . . . . . D0
A1
X
X X X X X X X X
1
X
X X X X X X X X
1
X
X X X X X X X X
0
No Operation (NOP), shifts data in shift register.
X
X X X X X X X X
X
Update all DACs from shift register.
X
8-Bit DAC Data
X
Load input and DAC register A.
Load input and DAC register B.
Load input and DAC register C.
Load input and DAC register D.
1
1
1
1
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data
Load DAC A input register, DAC output unchanged.
Load DAC B input register, DAC output unchanged.
Load DAC C input register, DAC output unchanged.
Load DAC D input register, DAC output unchanged.
1
1
1
1
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data
8-Bit DAC Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com