Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5259EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5259EEE
Description  3V/5V, Low-Power, 8-Bit Octal DACs with Rail-to-Rail Output Buffers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5259EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5259EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 16Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 17Page - Maxim Integrated Products MAX5259EEE Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
+3V/+5V, Low-Power, 8-Bit Octal DAC
with Rail-to-Rail Output Buffers
14
______________________________________________________________________________________
A2
A1
A0
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
Don’t Care
1
0
0
8-Bit Data
Load All DACs with Shift-Register Data
(LDAC = X)
All eight DAC registers are updated with shift-register data. This command allows all DACs to be set to any analog
value within the reference range. This command can be used to substitute CLEAR if code 00 (hex) is programmed,
which clears all DACs. This command brings the device out of shutdown.
A2
A1
A0
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
Address
1
0
1
8-Bit Data
Load Input Register, DAC Registers Unchanged (Single Update Operation)
(LDAC = X)
When performing a single update operation, A2-A0 selects the respective input register. At the rising edge of CS, the
selected input register is loaded with the current shift-register data. All DAC outputs remain unchanged. This pre-
loads individual data in the input register without changing the DAC outputs.
A2
A1
A0
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
Address
1
1
0
8-Bit Data
Load Input and DAC Registers
(LDAC = X)
This command directly loads current shift-register data in the selected input and DAC registers at the rising edge of
CS. A2-A0 set the DAC address.
For example, to load all eight DAC registers simultaneously with individual settings, eight commands are required.
First perform seven single input register update operations (C2 = 1, C1 = 0, C0 = 1) for DACs A, B, C, D, E, F, and G
(C2 = 1, C1 = 0, C0 = 1). The final command loads input register H and updates all eight DAC registers from their
respective input registers. This command brings the device out of shutdown.
A2
A1
A0
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
Address
1
1
1
8-Bit Data
Software “
LDAC” Command
(LDAC = X)
All DAC registers are updated with the contents of their respective input registers at the rising edge of CS. This is a
synchronous software command that performs the same function as the asynchronous LDAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com