Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1002 Datasheet(PDF) 26 Page - Seiko Instruments Inc

Part # S1002
Description  VOLTAGE DETECTOR WITH SENSE PIN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1002 Datasheet(HTML) 26 Page - Seiko Instruments Inc

Back Button S1002 Datasheet HTML 22Page - Seiko Instruments Inc S1002 Datasheet HTML 23Page - Seiko Instruments Inc S1002 Datasheet HTML 24Page - Seiko Instruments Inc S1002 Datasheet HTML 25Page - Seiko Instruments Inc S1002 Datasheet HTML 26Page - Seiko Instruments Inc S1002 Datasheet HTML 27Page - Seiko Instruments Inc S1002 Datasheet HTML 28Page - Seiko Instruments Inc S1002 Datasheet HTML 29Page - Seiko Instruments Inc S1002 Datasheet HTML 30Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
S-1002 Series
Rev.1.1_00
Seiko Instruments Inc.
26
6. Current consumption (ISS) vs. SENSE pin input voltage (VSENSE)
S-1002Cx10
Ta =
+25°C,
VDD =
−VDET(S) + 1.0 V, VSENSE = 0.0 V → 10.0 V
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VSENSE [V]
0.80
0.60
0.40
0.20
0.00
S-1002Cx24
Ta =
+25°C,
VDD =
−VDET(S) + 1.0 V, VSENSE = 0.0 V → 10.0 V
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VSENSE [V]
0.80
0.60
0.40
0.20
0.00
S-1002Cx50
Ta =
+25°C,
VDD =
−VDET(S) + 1.0 V, VSENSE = 0.0 V → 10.0 V
1.00
0.0
2.0
4.0
6.0
8.0
10.0
VSENSE [V]
0.80
0.60
0.40
0.20
0.00
7. Current consumption (ISS) vs. Temperature (Ta)
S-1002Cx10
VDD =
−VDET(S) + 1.0 V,
VSENSE =
−VDET(S) + 1.0 V (during release)
0.30
40
85
75
50
25
0
25
Ta [
C]
0.25
0.20
0.15
0.10
0.05
0.00
S-1002Cx24
VDD =
−VDET(S) + 1.0 V,
VSENSE =
−VDET(S) + 1.0 V (during release)
0.30
40
85
75
50
25
0
25
Ta [
C]
0.25
0.20
0.15
0.10
0.05
0.00
S-1002Cx50
VDD =
−VDET(S) + 1.0 V,
VSENSE =
−VDET(S) + 1.0 V (during release)
0.30
−40
85
75
50
25
0
−25
Ta [°C]
0.25
0.20
0.15
0.10
0.05
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com