Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1002 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S1002
Description  VOLTAGE DETECTOR WITH SENSE PIN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1002 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S1002 Datasheet HTML 3Page - Seiko Instruments Inc S1002 Datasheet HTML 4Page - Seiko Instruments Inc S1002 Datasheet HTML 5Page - Seiko Instruments Inc S1002 Datasheet HTML 6Page - Seiko Instruments Inc S1002 Datasheet HTML 7Page - Seiko Instruments Inc S1002 Datasheet HTML 8Page - Seiko Instruments Inc S1002 Datasheet HTML 9Page - Seiko Instruments Inc S1002 Datasheet HTML 10Page - Seiko Instruments Inc S1002 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_00
S-1002 Series
Seiko Instruments Inc.
7
4. 4 S-1002 Series CB type
Output form: CMOS output (Active "L")
Table 6
Detection Voltage
SOT-23-5
SC-82AB
1.0 V
± 22 mV
S-1002CB10I-M5T1U
S-1002CB10I-N4T1U
1.1 V
± 22 mV
S-1002CB11I-M5T1U
S-1002CB11I-N4T1U
1.2 V
± 22 mV
S-1002CB12I-M5T1U
S-1002CB12I-N4T1U
1.3 V
± 22 mV
S-1002CB13I-M5T1U
S-1002CB13I-N4T1U
1.4 V
± 22 mV
S-1002CB14I-M5T1U
S-1002CB14I-N4T1U
1.5 V
± 22 mV
S-1002CB15I-M5T1U
S-1002CB15I-N4T1U
1.6 V
± 22 mV
S-1002CB16I-M5T1U
S-1002CB16I-N4T1U
1.7 V
± 22 mV
S-1002CB17I-M5T1U
S-1002CB17I-N4T1U
1.8 V
± 22 mV
S-1002CB18I-M5T1U
S-1002CB18I-N4T1U
1.9 V
± 22 mV
S-1002CB19I-M5T1U
S-1002CB19I-N4T1U
2.0 V
± 22 mV
S-1002CB20I-M5T1U
S-1002CB20I-N4T1U
2.1 V
± 22 mV
S-1002CB21I-M5T1U
S-1002CB21I-N4T1U
2.2 V
± 1.0%
S-1002CB22I-M5T1U
S-1002CB22I-N4T1U
2.3 V
± 1.0%
S-1002CB23I-M5T1U
S-1002CB23I-N4T1U
2.4 V
± 1.0%
S-1002CB24I-M5T1U
S-1002CB24I-N4T1U
2.5 V
± 1.0%
S-1002CB25I-M5T1U
S-1002CB25I-N4T1U
2.6 V
± 1.0%
S-1002CB26I-M5T1U
S-1002CB26I-N4T1U
2.7 V
± 1.0%
S-1002CB27I-M5T1U
S-1002CB27I-N4T1U
2.8 V
± 1.0%
S-1002CB28I-M5T1U
S-1002CB28I-N4T1U
2.9 V
± 1.0%
S-1002CB29I-M5T1U
S-1002CB29I-N4T1U
3.0 V
± 1.0%
S-1002CB30I-M5T1U
S-1002CB30I-N4T1U
3.1 V
± 1.0%
S-1002CB31I-M5T1U
S-1002CB31I-N4T1U
3.2 V
± 1.0%
S-1002CB32I-M5T1U
S-1002CB32I-N4T1U
3.3 V
± 1.0%
S-1002CB33I-M5T1U
S-1002CB33I-N4T1U
3.4 V
± 1.0%
S-1002CB34I-M5T1U
S-1002CB34I-N4T1U
3.5 V
± 1.0%
S-1002CB35I-M5T1U
S-1002CB35I-N4T1U
3.6 V
± 1.0%
S-1002CB36I-M5T1U
S-1002CB36I-N4T1U
3.7 V
± 1.0%
S-1002CB37I-M5T1U
S-1002CB37I-N4T1U
3.8 V
± 1.0%
S-1002CB38I-M5T1U
S-1002CB38I-N4T1U
3.9 V
± 1.0%
S-1002CB39I-M5T1U
S-1002CB39I-N4T1U
4.0 V
± 1.0%
S-1002CB40I-M5T1U
S-1002CB40I-N4T1U
4.1 V
± 1.0%
S-1002CB41I-M5T1U
S-1002CB41I-N4T1U
4.2 V
± 1.0%
S-1002CB42I-M5T1U
S-1002CB42I-N4T1U
4.3 V
± 1.0%
S-1002CB43I-M5T1U
S-1002CB43I-N4T1U
4.4 V
± 1.0%
S-1002CB44I-M5T1U
S-1002CB44I-N4T1U
4.5 V
± 1.0%
S-1002CB45I-M5T1U
S-1002CB45I-N4T1U
4.6 V
± 1.0%
S-1002CB46I-M5T1U
S-1002CB46I-N4T1U
4.7 V
± 1.0%
S-1002CB47I-M5T1U
S-1002CB47I-N4T1U
4.8 V
± 1.0%
S-1002CB48I-M5T1U
S-1002CB48I-N4T1U
4.9 V
± 1.0%
S-1002CB49I-M5T1U
S-1002CB49I-N4T1U
5.0 V
± 1.0%
S-1002CB50I-M5T1U
S-1002CB50I-N4T1U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com