Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1002 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S1002
Description  VOLTAGE DETECTOR WITH SENSE PIN
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1002 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S1002 Datasheet HTML 25Page - Seiko Instruments Inc S1002 Datasheet HTML 26Page - Seiko Instruments Inc S1002 Datasheet HTML 27Page - Seiko Instruments Inc S1002 Datasheet HTML 28Page - Seiko Instruments Inc S1002 Datasheet HTML 29Page - Seiko Instruments Inc S1002 Datasheet HTML 30Page - Seiko Instruments Inc S1002 Datasheet HTML 31Page - Seiko Instruments Inc S1002 Datasheet HTML 32Page - Seiko Instruments Inc S1002 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
VOLTAGE DETECTOR WITH SENSE PIN
Rev.1.1_00
S-1002 Series
Seiko Instruments Inc.
29
1
s
tPLH
VIH*1
SENSE pin
voltage
Output voltage
VIL*2
VDD
VDD
 10%
VDD
 90%
tPHL
1
s
*1.
VIH = 10 V
*2.
VIL = 0.95 V
Figure 32 Test Condition of Response Time
VDD
VDD
VSS
OUT
R
100 k
Ω
SENSE
P.G.
Oscilloscope
VDD
VDD
VSS
OUT
SENSE
P.G.
Oscilloscope
Figure 33 Test Circuit of Response Time
Figure 34 Test Circuit of Response Time
(Nch open-drain output product)
(CMOS output product)
Caution
The above connection diagram and constant will not guarantee successful operation.
Perform thorough evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com