Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DMV0141 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DMV0141
Description  Spread Spectrum Compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMV0141 Datasheet(HTML) 4 Page - Integrated Device Technology

  9DMV0141 Datasheet HTML 1Page - Integrated Device Technology 9DMV0141 Datasheet HTML 2Page - Integrated Device Technology 9DMV0141 Datasheet HTML 3Page - Integrated Device Technology 9DMV0141 Datasheet HTML 4Page - Integrated Device Technology 9DMV0141 Datasheet HTML 5Page - Integrated Device Technology 9DMV0141 Datasheet HTML 6Page - Integrated Device Technology 9DMV0141 Datasheet HTML 7Page - Integrated Device Technology 9DMV0141 Datasheet HTML 8Page - Integrated Device Technology 9DMV0141 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2:1 1.8V PCIE GEN1-2-3 CLOCK MUX W/ZO=100OHMS
4
REVISION B 01/26/15
9DMV0141 DATASHEET
Electrical Characteristics–Absolute Maximum Ratings
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDxx
Applies to all VDD pins
-0.5
2.5
V
1,2
Input Voltage
VIN
-0.5
VDD+0.5V
V
1, 3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.6V
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.5V.
TA = TAMB, Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDxx
Applies to all VDD pins
1.7
1.8
1.9
V
Ambient Operating
Temperature
TAMB
Industrial range
-40
25
85
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus
0.75 VDD
VDD + 0.3
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus
-0.3
0.25 VDD
V
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
uA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
uA
Input Frequency
Fibyp
1
200
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,4
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD Power-Up and after input clock
stabilization or de-assertion of PD# to 1st clock
1ms
1,2
Input SS Modulation
Frequency PCIe
fMODINPCIe
Allowable Frequency for PCIe Applications
(Triangular Modulation)
30
33
kHz
Input SS Modulation
Frequency non-PCIe
fMODIN
Allowable Frequency for non-PCIe Applications
(Triangular Modulation)
066
kHz
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
1,2
Trise
tR
Rise time of single-ended control inputs
5
ns
1,2
1Guaranteed by design and characterization, not 100% tested in production.
2Control input must be monotonic from 20% to 80% of input swing.
3Time from deassertion until outputs are >200 mV
4DIF_IN input
Input Current
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com