Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DMV0141 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9DMV0141
Description  Spread Spectrum Compatible
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMV0141 Datasheet(HTML) 1 Page - Integrated Device Technology

  9DMV0141 Datasheet HTML 1Page - Integrated Device Technology 9DMV0141 Datasheet HTML 2Page - Integrated Device Technology 9DMV0141 Datasheet HTML 3Page - Integrated Device Technology 9DMV0141 Datasheet HTML 4Page - Integrated Device Technology 9DMV0141 Datasheet HTML 5Page - Integrated Device Technology 9DMV0141 Datasheet HTML 6Page - Integrated Device Technology 9DMV0141 Datasheet HTML 7Page - Integrated Device Technology 9DMV0141 Datasheet HTML 8Page - Integrated Device Technology 9DMV0141 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
9DMV0141 REVISION B 01/26/15
1
©2015 Integrated Device Technology, Inc.
2:1 1.8V PCIe Gen1-2-3 Clock Mux
w/Zo=100ohms
9DMV0141
General Description
The 9DMV0141 is a member of IDT's SOC-Friendly 1.8V
Very-Low-Power (VLP) PCIe Gen1-2-3 family. It has
integrated output terminations providing Zo=100
 for direct
connection to 100
 transmission lines. The output has an
OE# pin for optimal system control and power management.
The part provides asynchronous or glitch-free switching
modes.
Recommended Application
2:1 PCIe Gen1-2-3 Clock Multiplexer
Output Features
• 1 -Low-Power (LP) HCSL DIF pair w/ZO=100
Key Specifications
• DIF additive cycle-to-cycle jitter <5ps
• DIF phase jitter is PCIe Gen1-2-3 compliant
• 125MHz additive phase jitter 420fs rms typical (12kHz to
20MHz)
Features/Benefits
• LP-HCSL output w/integrated terminations; saves 4
resistors compared to standard HCSL output
• 1.8V operation; 12mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pins; support DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 200MHz operating frequency
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• Space saving 16-pin 3x3mm VFQFPN; minimal board
space
Block Diagram
A
B
DIF0
^OE0#
DIF_INA
DIF_INB
vSW_MODE
^SEL_A_B#


Similar Part No. - 9DMV0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMV0141 ICST-9DMV0141 Datasheet
182Kb / 10P
1MHz to 200MHz operating frequency
REVISION B 01/26/15
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
logo
Integrated Device Techn...
9DMV0141AKILF IDT-9DMV0141AKILF Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
9DMV0141AKILFT IDT-9DMV0141AKILFT Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
More results

Similar Description - 9DMV0141

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Integrated Circuit Syst...
9DMU0131 ICST-9DMU0131 Datasheet
113Kb / 10P
Spread Spectrum Compatible
REVISION A 09/30/14
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
Spread Spectrum Compatible
REVISION A 09/24/14
9DMU0441 ICST-9DMU0441 Datasheet
121Kb / 11P
Spread Spectrum Compatible
REVISION A 09/24/14
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
REVISION B 01/26/15
logo
Integrated Device Techn...
9DB433 IDT-9DB433 Datasheet
231Kb / 17P
Spread Spectrum Compatible
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
Spread Spectrum Compatible
9DMV0441 IDT-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com