Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX613 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX613
Description  Dual-Slot PCMCIA Analog Power Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX613 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX613 Datasheet HTML 1Page - Maxim Integrated Products MAX613 Datasheet HTML 2Page - Maxim Integrated Products MAX613 Datasheet HTML 3Page - Maxim Integrated Products MAX613 Datasheet HTML 4Page - Maxim Integrated Products MAX613 Datasheet HTML 5Page - Maxim Integrated Products MAX613 Datasheet HTML 6Page - Maxim Integrated Products MAX613 Datasheet HTML 7Page - Maxim Integrated Products MAX613 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_______________Detailed Description
VPP Switching
The MAX613/MAX614 allow simple switching of
PCMCIA card VPP to 0V, +5V, and +12V. On-chip
power MOSFETs connect AVPP and BVPP to either
GND, VCCIN, or VPPIN. The AVPP0 and AVPP1 control
logic inputs determine AVPP’s state. Likewise, BVPP0
and BVPP1 control BVPP. AVPP and BVPP can also be
programmed to be high impedance.
Each PCMCIA card slot has two VPP voltage inputs
labeled VPP1 and VPP2. Typically, VPP1 supplies the
flash chips that store the low-order byte of the 16-bit
words, and VPP2 supplies the chips that contain the
high-order byte. Programming the high-order bytes
separately from the low-order bytes may be necessary
to minimize +12V current consumption. A single 8-bit
flash chip typically requires at most 30mA of +12V VPP
current during erase or programming.
Thus, systems with less than 60mA current capability
from +12V cannot program two 8-bit flash chips simulta-
neously, and need separate controls for VPP1 and VPP2.
Figure 1 shows an example of a power-control circuit
using the MAX613 to control VPP1 and VPP2 separately.
Figure 1’s circuit uses a MAX662 charge-pump DC-DC
converter to convert +5V to +12V at 30mA output current
capability without an inductor. When higher VPP cur-
rent is required, the MAX734 can supply 120mA.
Use the MAX614 for single-slot applications that do
not require a separate VPP1 and VPP2. Figure 2
shows the MAX614 interfaced to the Vadem VG-465
single-slot controller.
To prevent VPP overshoot resulting from parasitic
inductance in the +12V supply, the VPPIN bypass
capacitor’s value must be at least 10 times greater than
the capacitance from AVPP or BVPP to GND; the AVPP
and BVPP bypass capacitors must be at least 0.01
µF.
______________________________________________________________Pin Description
Dual-Slot PCMCIA
Analog Power Controllers
4
_______________________________________________________________________________________
PIN
MAX613
14
8
VPPIN
1
1
GND
Ground
2
2
AVPP1
Logic inputs that control the voltage on AVPP (see Table 1 in
Detailed Description).
3
3
AVPP0
4
—
BVPP1
Logic inputs that control the voltage on BVPP (see Table 2 in
Detailed Description).
5
—
BVPP0
6
—
VCC1
Logic input that controls the state of DRV3 and DRV5 (see Table 3 in
Detailed Description).
7
4
VCC0
Logic input that controls the state of DRV on the MAX614. On the MAX613, both VCC0 and
VCC1 control the state of DRV3 and DRV5 (see Table 3 in
Detailed Description).
—
5
DRV
Open-drain power MOSFET gate-driver output used to switch the slot VCC supply voltage.
DRV sinks current when VCC0 is high and goes high impedance when VCC0 is low.
8
—
DRV5
Open-drain power MOSFET gate-driver output used to switch the slot VCC supply voltage (see
Table 3 in
Detailed Description).
9
—
DRV3
Open-drain power MOSFET gate-driver output used to switch the slot VCC supply voltage (see
Table 3 in
Detailed Description).
10
—
–
S
—
H
—
D
—
N
Logic-level shutdown input. When
–
S
—
H
—
D
—
N is low, DRV3 and DRV5 sink current regardless of the state of
VCC0 and VCC1. When
–
S
—
H
—
D
—
N is high, DRV3 and DRV5 are controlled by VCC0 and VCC1.
11
—
BVPP
Switched output, controlled by BVPP1 and BVPP0, that outputs 0V, +5V, or +12V. BVPP can
also be programmed to go high impedance (see Table 2 in
Detailed Description).
12
6
AVPP
Switched output, controlled by AVPP1 and AVPP0, that outputs 0V, +5V, or +12V. AVPP can
also be programmed to go high impedance (see Table 1 in
Detailed Description).
13
7
VCCIN
+5V power input
+12V power input. VPPIN can have 0V or +5V applied as long as VCCIN > 2.85V.
MAX614
NAME
FUNCTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com