Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX613 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX613
Description  Dual-Slot PCMCIA Analog Power Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX613 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX613 Datasheet HTML 1Page - Maxim Integrated Products MAX613 Datasheet HTML 2Page - Maxim Integrated Products MAX613 Datasheet HTML 3Page - Maxim Integrated Products MAX613 Datasheet HTML 4Page - Maxim Integrated Products MAX613 Datasheet HTML 5Page - Maxim Integrated Products MAX613 Datasheet HTML 6Page - Maxim Integrated Products MAX613 Datasheet HTML 7Page - Maxim Integrated Products MAX613 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dual-Slot PCMCIA
Analog Power Controllers
_______________________________________________________________________________________
7
A:VCC
A:VPP_EN0
A:VPP_EN1
A:VCC_EN0
A:VCC_EN1
B:VCC
B:VPP_EN0
B:VPP_EN1
B:VCC_EN0
B:VCC_EN1
MAX613
AVPP0
AVPP1
BVPP0
BVPP1
VCC0
VCC1
VCC
VPP1
VPP2
GND
PCMCIA
SLOT B
VPPIN
DRV3
DRV5
AVPP
BVPP
GND
Si9956DY
1nF
1M
INTEL
82365SL DF
1M
E10QS03
+3.3V
+5V
1⁄2 Si9956DY
MAX613
AVPP0
AVPP1
BVPP0
BVPP1
VCC0
VCC1
VCC
VPP1
VPP2
GND
PCMCIA
SLOT A
VPPIN
DRV3
DRV5
AVPP
BVPP
GND
Si9956DY
1M
1M
NIHON
E10QS03
+3.3V
+5V
MAX734
V+
LX
VOUT
CC
GND
SHDN
VREF
SS
33
µF
33
µF
MOTOROLA
2N7002LT1
1⁄2 SILICONIX
Si9956DY
SUMIDA CD54 18
µH
E10QS03
T1
2N7002LT1
VCCIN
VCCIN
Figure 4. Mixed 3.3V/5V VCC Application Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com