Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX613 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX613
Description  Dual-Slot PCMCIA Analog Power Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX613 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX613 Datasheet HTML 1Page - Maxim Integrated Products MAX613 Datasheet HTML 2Page - Maxim Integrated Products MAX613 Datasheet HTML 3Page - Maxim Integrated Products MAX613 Datasheet HTML 4Page - Maxim Integrated Products MAX613 Datasheet HTML 5Page - Maxim Integrated Products MAX613 Datasheet HTML 6Page - Maxim Integrated Products MAX613 Datasheet HTML 7Page - Maxim Integrated Products MAX613 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dual-Slot PCMCIA
Analog Power Controllers
_______________________________________________________________________________________
5
MAX613
VCCIN VCC1
AVPP0
AVPP1
BVPP0
BVPP1
VCC0
VCC
VPP1
VPP2
PCMCIA
SLOT B
VPPIN
DRV3
AVPP
BVPP
GND
1⁄2 Si9956DY
M2
0.1
µF
1
µF
0.1
µF
100k
MAX613
VCCIN VCC1
AVPP0
AVPP1
BVPP0
BVPP1
VCC0
VCC
VPP1
VPP2
PCMCIA
SLOT A
VPPIN
DRV3
AVPP
BVPP
GND
1⁄2 Si9956DY
M1
0.1
µF
1
µF
0.1
µF
100k
MAX662
GND
VCC
VOUT
SHDN
4.7
µF
0.1
µF
C1+
C1-
C2+
C2-
A: VPP1_EN0 (A_VPP1EN0)
A:VPP1_EN1 (A_VPP1EN1)
A:VPP2_EN0 (A_VPP2EN0)
A:VPP2_EN1 (A_VPP2EN1)
A:VCC_EN (A_VCCEN)
B:VPP1_EN0 (B_VPP1EN0)
B:VPP1_EN1 (B_VPP1EN1)
B:VPP2_EN0 (B_VPP2EN0)
B:VPP2_EN1 (B_VPP2EN1)
B:VCC_EN (B_VCCEN)
4.7
µF
0.22
µF
0.22
µF
+5V
INTEL 82365SL
VADEM VG-365
or
VADEM VG-468)
VCC
VSS
100k
Figure 1. MAX613 Dual Slot, Separate VPP1 and VPP2, 5V Only VCC Operating Circuit
0.1
µF
9.97V (WITH
100k
Ω LOAD)
10nF
10nF
4.5V MIN
NOTE:
1. ALL DIODES 1N4148.
2. OSCILLATOR FREQUENCY CAN BE
INCREASED FOR HIGHER OUTPUT POWER.
0.1
µF
32.76kHz
50% DUTY CYCLE
4.5V MIN
MAX614
VCCIN
AVPP0
AVPP1
VCC0
VCC
VPP1
VPP2
VPPIN
DRV
AVPP
GND
1
µF
100k
VPP1EN0
VPP1EN1
VPP2EN0
VPP2EN1
VCCEN
VADEM
VG-465
+5V
+12V
PCMCIA
SLOT
Figure 2. MAX614 Single-Slot Application
Figure 3. Charge Pump



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com