Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2510C Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS2510C
Description  Distributes one clock input to one bank of ten outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2510C Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS2510C Datasheet HTML 1Page - Integrated Device Technology ICS2510C Datasheet HTML 2Page - Integrated Device Technology ICS2510C Datasheet HTML 3Page - Integrated Device Technology ICS2510C Datasheet HTML 4Page - Integrated Device Technology ICS2510C Datasheet HTML 5Page - Integrated Device Technology ICS2510C Datasheet HTML 6Page - Integrated Device Technology ICS2510C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS2510C
0010G—09/22/09
PARAMETER MEASUREMENT INFORMATION
Figure 1. Load Circuit for Outputs
Notes:
1.
CL includes probe and jig capacitance.
2.
All input pulses are supplied by generators having the following
characteristics: PRR
≤133 MHz, ZO = 50 Ω, Tr ≤1.2 ns, Tf ≤1.2 ns.
3.
The outputs are measured one at a time with one transition per measurement.
Figure 2. VoltageWaveforms
Propagation Delay Times
Figure 3. Phase Error and Skew Calculations
CLKIN
tPE (PHASE ERROR)
FBIN
FBOUT
tSK(o)
Any
CLKOUT
tSK(o)
Any
CLKOUT
Any
CLKOUT
From Output
Under Test
500
Ω
30pF
Input
Output
50% VCC
50% VCC
tR
tF
2V
0.4V
3V
0V
2V
0.4V
tPD
VOL
VOH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com