Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2510C Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS2510C
Description  Distributes one clock input to one bank of ten outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2510C Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS2510C Datasheet HTML 1Page - Integrated Device Technology ICS2510C Datasheet HTML 2Page - Integrated Device Technology ICS2510C Datasheet HTML 3Page - Integrated Device Technology ICS2510C Datasheet HTML 4Page - Integrated Device Technology ICS2510C Datasheet HTML 5Page - Integrated Device Technology ICS2510C Datasheet HTML 6Page - Integrated Device Technology ICS2510C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS2510C
0010G—09/22/09
Block Diagram
3.3V Phase-Lock Loop Clock Driver
Pin Configuration
The ICS2510C is a high performance, low skew, low jitter
clock driver. It uses a phase lock loop (PLL) technology to
align, in both phase and frequency, the CLKIN signal with
the CLKOUT signal. It is specifically designed for use with
synchronous SDRAMs.The ICS2510C operates at 3.3V
VCC and drives up to ten clock loads.
One bank of ten outputs provide low-skew, low-jitter
copies of CLKIN. Output signal duty cycles are adjusted
to 50 percent, independent of the duty cycle at CLKIN.
Outputs can be enabled or disabled via control (OE)
inputs. When the OE inputs are high, the outputs align in
phase and frequency with CLKIN; when the OE inputs are
low, the outputs are disabled to the logic low state.
The ICS2510C does not require
external RC filter
components.The loop filter for the PLL is included on-chip,
minimizing component count, board space, and cost.The
test mode shuts off the PLL and connects the input
directly to the output buffer.This test mode, the ICS2510C
can be use as low skew fanout clock buffer device. The
ICS2510C comes in 24 pin 173mil Thin Shrink Small-
Outline package (TSSOP) package.
•
Meets or exceeds PC133 registered DIMM
specification1.1
•
Spread Spectrum Clock Compatible
•
Distributes one clock input to one bank of ten outputs
•
Operating frequency 25MHz to 175MHz
•
External feedback input (FBIN) terminal is used to
synchrionize the outputs to the clock input
•
No external RC network required
•
Operates at 3.3V Vcc
•
Plastic 24-pin 173mil TSSOP package
24 Pin TSSOP
4.40 mm. Body, 0.65 mm. pitch
PLL
AVCC
FBIN
CLKIN
CLK0
CLK9
CLK8
CLK7
CLK6
CLK5
CLK4
CLK3
CLK2
CLK1
FBOUT
OE
CLKIN
AVCC
VCC
CLK9
CLK8
GND
GND
CLK7
CLK6
CLK5
VCC
FBIN
AGND
VCC
CLK0
CLK1
CLK2
GND
GND
CLK3
CLK4
VCC
OE
FBOUT
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - ICS2510C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev D 06/15/01
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
3.3V Phase-Lock Loop Clock Driver
2019
logo
Integrated Circuit Syst...
ICS2510CG-T ICST-ICS2510CG-T Datasheet
247Kb / 7P
3.3V Phase-Lock Loop Clock Driver
Rev D 06/15/01
More results

Similar Description - ICS2510C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS42 MOTOROLA-SN54LS42 Datasheet
77Kb / 3P
ONE-OF-TEN DECODER
logo
Cypress Semiconductor
CY26114 CYPRESS-CY26114 Datasheet
50Kb / 5P
One-PLL Clock Generator
logo
List of Unclassifed Man...
NT256D64S88A2GM ETC1-NT256D64S88A2GM Datasheet
198Kb / 14P
200pin One Bank Unbuffered DDR SO-DIMM
logo
Integrated Circuit Syst...
ICS557-06 ICST-ICS557-06 Datasheet
209Kb / 10P
ONE TO FOUR HCSL CLOCK BUFFER
logo
Integrated Device Techn...
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
One differential input reference clock
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
One differential clock input pair
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
One differential input reference clock
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
One differential clock input pair
logo
Motorola, Inc
74LS42N MOTOROLA-74LS42N Datasheet
40Kb / 3P
ONE-OF-TEN DECODER LOW POWER SCHOTTKY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com