Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS2510C Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS2510C
Description  Distributes one clock input to one bank of ten outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS2510C Datasheet(HTML) 6 Page - Integrated Device Technology

  ICS2510C Datasheet HTML 1Page - Integrated Device Technology ICS2510C Datasheet HTML 2Page - Integrated Device Technology ICS2510C Datasheet HTML 3Page - Integrated Device Technology ICS2510C Datasheet HTML 4Page - Integrated Device Technology ICS2510C Datasheet HTML 5Page - Integrated Device Technology ICS2510C Datasheet HTML 6Page - Integrated Device Technology ICS2510C Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS2510C
0010G—09/22/09
General Layout Precautions:
An ICS2509C is used as an example. It is similar to the
ICS2510C. The same rules and methods apply.
1)
Use copper flooded ground on the top signal layer
under the clock buffer The area under U1 in figure 1
on the right is an example. Every ground pin goes to a
ground via. The vias are not visible in figure 1.
2)
Use power vias for power and ground. Vias 20 mil or
larger in diameter have lower high frequency
impedance. Vias for signals may be minimum drill
size.
3)
Make all power and ground traces are as wide as the
via pad for lower inductance.
4)
VAA for pin 23 has a low pass RC filter to decouple
the digital and analog supplies. C9-12 may be replaced
with a single low ESR (0.8 ohm or less) device with
the same total capacitance. R2 may be replaced with a
ferrite bead. The bead should have a DC resistance of
at least 0.5 ohms. 1 ohm is better. It should have an
impedance of at least 300 ohms at 100MHz. 600 ohms
at 100MHz is better.
5)
Notice that ground vias are never shared.
6)
All VCC pins have a decoupling capacitor. Power is
always routed from the plane connection via to the
capacitor pad to the VCC pin on the clock buffer.
7)
Component R1 is located at the clock source.
8)
Component C1, if used, has the effect of adding delay.
9)
Component C7 , if used, has the effect of subtracting
delay. Delaying the FBIn clock will cause the output
clocks to be earlier. A more effective method is to use
the propagation time of a trace between FBOut and
FBIn.
Component Values:
C1,C7= As necessary for delay
adjust
C[6:2]=.01uF
C8,C13=0.1uF
C[12:9]=4.7Uf
R1=10 ohm. Locate at driver
R2=10 ohm.
Figure 1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com