Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX652ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX652ESA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX652ESA Datasheet HTML 5Page - Maxim Integrated Products MAX652ESA Datasheet HTML 6Page - Maxim Integrated Products MAX652ESA Datasheet HTML 7Page - Maxim Integrated Products MAX652ESA Datasheet HTML 8Page - Maxim Integrated Products MAX652ESA Datasheet HTML 9Page - Maxim Integrated Products MAX652ESA Datasheet HTML 10Page - Maxim Integrated Products MAX652ESA Datasheet HTML 11Page - Maxim Integrated Products MAX652ESA Datasheet HTML 12Page - Maxim Integrated Products MAX652ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
_______________________________________________________________________________________
9
inductor, and the control circuit adjusts the switch duty
cycle to maintain regulation without exceeding the
switch current capability (Figure 3a). This provides
excellent load-transient response and high efficiency.
In discontinuous-conduction mode (DCM), current
through the inductor starts at zero, rises to a peak
value, then ramps down to zero. Although efficiency is
still excellent, the output ripple increases slightly, and
the switch waveforms exhibit ringing (the self-resonant
frequency of the inductor). This ringing is to be expect-
ed and poses no operational problems.
Dropout
The MAX649/MAX651/MAX652 are said to be in
dropout when the input voltage (V+) is low enough
that the output drops below the minimum output
voltage specification (see
Electrical Characteristics).
The dropout voltage is the difference between the
input and output voltage when dropout occurs.
See the
Typical Operating Characteristics for the
Dropout Voltage vs. Load Current and Dropout Voltage
vs. Temperature graphs.
V+ = 10V, ILOAD = 1.3A
CIRCUIT OF FIGURE 1, R1 = 150m
Ω
1.5A
0A
1A
2
µs/div
Figure 3a. MAX649 Continuous-Conduction Mode, Heavy
Load-Current Waveform (500mA/div)
V+ = 10V, ILOAD = 1.4A
CIRCUIT OF FIGURE 1, R1 = 100m
Ω
2.5A
0A
1.5A
0.5A
1.0A
2.0A
5
µs/div
Figure 3b. MAX649 Light/Medium Load-Current Waveform
(500mA/div)
(
)
MAX649
MAX651
MAX652
V+
CS
GND
5
6
2
8
3
VIN
C2
330
µF
7
1
EXT
OUT
SHDN
4
C3
0.1
µF
C4
0.1
µF
C1
100
µF
R1
0.1
Ω
D1
1N5820
L1
22
µH
P1
Si9430
OUTPUT
@ 1.5A
REF
FB
R2
R3
150k
R2 = R3
VOUT
VREF
– 1
VREF = 1.5V
Figure 4. Adjustable-Output Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com