Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX652ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX652ESA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX652ESA Datasheet HTML 1Page - Maxim Integrated Products MAX652ESA Datasheet HTML 2Page - Maxim Integrated Products MAX652ESA Datasheet HTML 3Page - Maxim Integrated Products MAX652ESA Datasheet HTML 4Page - Maxim Integrated Products MAX652ESA Datasheet HTML 5Page - Maxim Integrated Products MAX652ESA Datasheet HTML 6Page - Maxim Integrated Products MAX652ESA Datasheet HTML 7Page - Maxim Integrated Products MAX652ESA Datasheet HTML 8Page - Maxim Integrated Products MAX652ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
80
66
SUPPLY CURRENT vs. TEMPERATURE
68
78
76
74
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
72
70
V+ = 10V
V+ = 16.5V
V+ = 4V
4.0
0
SHUTDOWN CURRENT
vs. TEMPERATURE
0.5
3.5
3.0
2.5
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
2.0
1.5
V+ = 8V
V+ = 16.5V
V+ = 4V
1.0
2500
0
0 1 2 3 4 5 6 7 8 9 10 1112131415
MAX649 MAXIMUM LOAD CURRENT
vs. SUPPLY VOLTAGE
500
2000
INPUT VOLTAGE (V)
1500
1000
VOUT = 5V
CIRCUIT OF FIGURE 1
100
90
0
100
µ
1m
10m
100m
1
MAX649
EFFICIENCY vs. LOAD CURRENT
20
LOAD CURRENT (A)
40
60
80
70
50
30
10
VIN = 6V
VIN = 8V
VIN = 10V
VIN = 12V
VIN = 15V
VOUT = 5V
TOP TO BOTTOM:
17
15
SWITCH ON-TIME
vs. TEMPERATURE
-60 -40 -20
60
TEMPERATURE (°C)
0
20
40
80 100 120
16
V+ = 5V
100
90
0
100
µ
1m
10m
100m
1
MAX651
EFFICIENCY vs. LOAD CURRENT
20
LOAD CURRENT (A)
40
60
80
70
50
30
10
VIN = 4.3V
VIN = 5V
VIN = 8V
VIN = 10V
VIN = 12V
VIN = 15V
VOUT = 3.3V
TOP TO BOTTOM:
100
90
0
100
µ
1m
10m
100m
1
MAX652
EFFICIENCY vs. LOAD CURRENT
20
LOAD CURRENT (A)
40
60
80
70
50
30
10
VIN = 4.3V
VIN = 5V
VIN = 8V
VIN = 10V
VIN = 12V
VIN = 15V
VOUT = 3V
TOP TO BOTTOM:
2.5
1.5
SWITCH OFF-TIME
vs. TEMPERATURE
TEMPERATURE (°C)
2.0
V+ = 5V
-60 -40 -20
60
0
20
40
80 100 120
8.0
6.0
SWITCH ON-TIME/OFF-TIME RATIO
vs. TEMPERATURE
6.4
7.6
7.2
6.8
6.2
6.6
7.8
7.4
7.0
V+ = 5V
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com