Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX652ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX652ESA
Description  5V/3.3V/3V or Adjustable, High-Efficiency,
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX652ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX652ESA Datasheet HTML 1Page - Maxim Integrated Products MAX652ESA Datasheet HTML 2Page - Maxim Integrated Products MAX652ESA Datasheet HTML 3Page - Maxim Integrated Products MAX652ESA Datasheet HTML 4Page - Maxim Integrated Products MAX652ESA Datasheet HTML 5Page - Maxim Integrated Products MAX652ESA Datasheet HTML 6Page - Maxim Integrated Products MAX652ESA Datasheet HTML 7Page - Maxim Integrated Products MAX652ESA Datasheet HTML 8Page - Maxim Integrated Products MAX652ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5V/3.3V/3V or Adjustable, High-Efficiency,
Low IQ, Step-Down DC-DC Controllers
_______________________________________________________________________________________
5
130
20
EXT RISE AND FALL TIMES
vs. TEMPERATURE (1nF)
120
110
90
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
V+ = 5V, tRISE
100
80
70
60
40
50
30
V+ = 5V, tFALL
V+ = 12V, tRISE
V+ = 12V, tFALL
CEXT = 1nF
500
50
EXT RISE AND FALL TIMES
vs. TEMPERATURE (5nF)
450
400
350
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
V+ = 5V, tRISE
300
250
150
200
100
V+ = 5V, tFALL
V+ = 12V, tRISE
CEXT = 5nF
V+ = 12V, tFALL
1000
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
DROPOUT VOLTAGE
vs. LOAD CURRENT
200
300
100
800
900
LOAD CURRENT (A)
600
500
700
400
MAX649, VOUT = 5V
MAX652, VOUT = 3V
MAX651, VOUT = 3.3V
1100
600
DROPOUT VOLTAGE
vs. TEMPERATURE
700
1000
900
800
MAX651
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
ILOAD = 1A
CIRCUIT OF FIGURE 1
MAX649
MAX652
250
0
REFERENCE OUTPUT RESISTANCE
vs. TEMPERATURE
50
200
150
100
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
IREF = 10µA
IREF = 50µA
IREF = 100µA
235
185
CS TRIP LEVEL
vs. TEMPERATURE
195
225
215
205
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
190
200
230
220
210
1.506
1.492
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
1.494
1.504
1.502
1.500
-60
-20
60
140
TEMPERATURE (°C)
20
100
-40
0
80
40
120
1.498
1.496
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com