| Electronic Components Datasheet Search |
|
CMX608 Datasheet(PDF) 29 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX608 Datasheet(HTML) 29 Page - CML Microcircuits |
|
29 / 70 page ![]() RALCWI Vocoder CMX608/CMX618/CMX638 2014 CML Microsystems Plc 29 D/608_18_38/11 5.9. C-BUS Interface This block provides for the transfer of data and control or status information between the internal registers of the CMX608/CMX618/CMX638 and the host µC, by using the C-BUS serial bus. Each transaction consists of a single Register Address byte sent from the µC, which may be followed by a data word sent from the µC (written into one of the Write-Only Registers), or a data word sent to the µC (read out from one of the Read-Only Registers). All C-BUS data words are a multiple of 8 bits wide, the width depending on the source or destination register. Note that certain C-BUS transactions require only an address byte to be sent from the µC, no data transfer being required. The operation of the C-BUS is illustrated in Figure 16. Data sent from the µC on the CDATA (command data) line is clocked into the CMX608/CMX618/CMX638 on the rising edge of the CLK input. Data sent from the CMX608/CMX618/CMX638 to the µC on the RDATA (reply data) line is valid when CLK is high. The CSN line must be held low during a data transfer and kept high between transfers. The C-BUS interface is compatible with most common µC serial interfaces and may also be easily implemented with general purpose µC I/O pins controlled by a simple software routine. Figure 18 gives detailed C-BUS timing requirements. C-BUS single byte command (no data) Note: The CLK line may be high or low at the start and end of each transaction. = Level not important C-BUS n-bit register write (n, a multiple of 8, depends on the type of C-BUS transaction) CSN CLK CDATA 7 6 5 4 3 2 1 0 n-1 n-2 n-3 2 1 0 MSB Address LSB MSB Write data LSB RDATA Hi-Z C-BUS n-bit register read (n, a multiple of 8, depends on the type of C-BUS transaction) CSN CLK CDATA 7 6 5 4 3 2 1 0 MSB Address LSB RDATA Hi-Z n-1 n-2 n-3 2 1 0 MSB Read data LSB Figure 16 Basic C-BUS Transactions CSN CLK CDATA 7 6 5 4 3 2 1 0 MSB Address LSB RDATA Hi-Z |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |