| Electronic Components Datasheet Search |
|
CMX608 Datasheet(PDF) 40 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX608 Datasheet(HTML) 40 Page - CML Microcircuits |
|
40 / 70 page ![]() RALCWI Vocoder CMX608/CMX618/CMX638 2014 CML Microsystems Plc 40 D/608_18_38/11 6 - 15 Reserved. Bits 5 and 4 Reserved These bits should be cleared to '0' for correct device operation. SEL1 / SEL0 = '10' - Command 7 6 5 4 3 2 1 0 1 0 Command This sub-register is used for issuing commands to control the various aspects of the interaction of the device and an external CODEC. Bits 5-0 Command This field specifies a command to execute. Bit 5 is the msb. $00 Reserved. $01 (ECC_SSP_START) Starts the SSP. If the CODEC requires initialisation commands and these have been pre-loaded through the EXCODECCMD register ($12), then these will be sent as soon as the CODEC starts transferring data. If the SSP is already running, then this command is ignored and a status value of '0' is returned. $02 (ECC_SSP_STOP) Stops the SSP. All activity on the SSP will be ignored. If the SSP is not running, then this command is ignored and a status value of '0' is returned. $03 (ECC_FIFO_CLEAR) Clears the FIFO associated with the EXCODECCMD register ($12). The ECFIFO register ($24) will also be cleared. $04 (ECC_FIFO_COUNT) Places the number of words contained in the FIFO into the ECFIFO register ($24). The ECFIFO register gets updated by both the ECC_FIFO_CLEAR command and by a write on the EXCODECCMD register ($12) (which pushes another value into the FIFO), so issuing this command should be unnecessary. $05 (ECC_FIFO_DATA) Places all the words contained in the FIFO into the ENCFRAME register ($30). The ENCFRAME register is a byte wide streaming register so, for this data, the most significant byte of each word is sent first. This command should not be issued whilst the device is actively encoding. The controlling host should first read the ECFIFO register ($24), to get the number of words in the FIFO. This value should be multiplied by 2 to get the number of bytes that have to be read from ENCFRAME register ($30). $06 (ECC_CODEC_RESET) Places the CODEC in a reset state. The exact effect of this command is CODEC dependant. If any of the generic CODEC settings are chosen, this command does not do anything. Please refer to the external CODEC support section. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |