Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX608 Datasheet(PDF) 64 Page - CML Microcircuits

Part # CMX608
Description  Integrated Input and Output Channel Filters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX608 Datasheet(HTML) 64 Page - CML Microcircuits

Back Button CMX608 Datasheet HTML 60Page - CML Microcircuits CMX608 Datasheet HTML 61Page - CML Microcircuits CMX608 Datasheet HTML 62Page - CML Microcircuits CMX608 Datasheet HTML 63Page - CML Microcircuits CMX608 Datasheet HTML 64Page - CML Microcircuits CMX608 Datasheet HTML 65Page - CML Microcircuits CMX608 Datasheet HTML 66Page - CML Microcircuits CMX608 Datasheet HTML 67Page - CML Microcircuits CMX608 Datasheet HTML 68Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
RALCWI Vocoder
CMX608/CMX618/CMX638
 2014 CML Microsystems Plc
64
D/608_18_38/11
Notes
Min.
Typ.
Max.
Units
C-BUS Timings (Figure 18)
2
tCSE
CSN-Enable to Clock-High time
100
ns
tCSH
Last Clock-High to CSN-High time
100
ns
tLOZ
Clock-Low to Reply Output enable time
0.0
ns
tHIZ
CSN-High to Reply Output 3-state time
1.0
µs
tCSOFF
CSN-High time between transactions
1.0
µs
tNXT
Inter-Byte time
200
ns
tCK
Clock-Cycle time
200
ns
tCH
Serial Clock-High time
100
ns
tCL
Serial Clock-Low time
100
ns
tCDS
Command Data Set-Up time
75
ns
tCDH
Command Data Hold time
25
ns
tRDS
Reply Data Set-Up time
50
ns
tRDH
Reply Data Hold time
0
ns
Notes
Min.
Typ.
Max.
Units
CODEC (SSP) Port Timings (Figure 19)
2
tSS
Strobe Set-Up time
50
ns
tSH
Strobe Hold time
25
ns
tCK
Serial Clock-Cycle time
150
ns
tCH
Serial Clock-High time
50
ns
tCL
Serial Clock-Low time
50
ns
tDS
Serial Data In Set-Up time
50
ns
tDH
Serial Data In Hold time
25
ns
tDOE
Serial Data Out Earliest Data Valid time
30
ns
tDOL
Serial Data Out Latest Data Valid time
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com